Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JQX-54FE Datasheet (PDF) - DB Lectro Inc

JQX-54FE Datasheet PDF - DB Lectro Inc
Part # JQX-54FE
Download  JQX-54FE Download
File Size   402.97 Kbytes
Page   3 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Compact high capacity relay for inductive load, rushing current of 70A and steady-state current of 20A.

JQX-54FE Datasheet (PDF)

Go To PDF Page Download Datasheet
JQX-54FE Datasheet PDF - DB Lectro Inc

Part # JQX-54FE
Download  JQX-54FE Click to download

File Size   402.97 Kbytes
Page   3 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Compact high capacity relay for inductive load, rushing current of 70A and steady-state current of 20A.

JQX-54FE Datasheet (HTML) - DB Lectro Inc




Similar Part No. - JQX-54FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-54FE ETC1-JQX-54FE Datasheet
404Kb / 2P
MINIATURE HIGH POWER RELAY
JQX-54FE/12H3NIL ETC1-JQX-54FE/12H3NIL Datasheet
404Kb / 2P
MINIATURE HIGH POWER RELAY
JQX-54FE/12H3T ETC1-JQX-54FE/12H3T Datasheet
404Kb / 2P
MINIATURE HIGH POWER RELAY
JQX-54FE/24H3NIL ETC1-JQX-54FE/24H3NIL Datasheet
404Kb / 2P
MINIATURE HIGH POWER RELAY
JQX-54FE/24H3T ETC1-JQX-54FE/24H3T Datasheet
404Kb / 2P
MINIATURE HIGH POWER RELAY
More results


Similar Description - JQX-54FE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD5001 CENTRAL-CMPD5001 Datasheet
79Kb / 2P
HIGH CURRENT INDUCTIVE LOAD SWITCHING DIODE
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
Nais(Matsushita Electri...
JM1AN NAIS-JM1AN Datasheet
120Kb / 4P
COMPACT POWER RELAY FOR INDUCTIVE LOAD
logo
fujitsu semiconductor
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF_15 Datasheet
218Kb / 5P
High load current capacity
logo
List of Unclassifed Man...
MHP-TA15-9-72 ETC2-MHP-TA15-9-72 Datasheet
348Kb / 6P
Two levels of current carrying capacity:
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
High capacity of up to 1000 mA programmable charge current
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
High current capacity in compact package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com