Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702 Datasheet (PDF) - AXElite technology co. ltd

AX3702 Datasheet PDF - AXElite technology co. ltd
Part # AX3702
Download  AX3702 Download
File Size   1995.01 Kbytes
Page   22 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter

AX3702 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3702 Datasheet PDF - AXElite technology co. ltd

Part # AX3702
Download  AX3702 Click to download

File Size   1995.01 Kbytes
Page   22 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter

AX3702 Datasheet (HTML) - AXElite technology co. ltd


AX3702 Product details

GENERAL DESCRIPTION
AX3702 is a high efficiency monolithic synchronous buck regulator using a constant on-time (COT) architecture. The device is available in an adjustable version. Supply current with no load is about 30uA and drops to <1uA in shutdown. The 2.5V to 6.0V input voltage range makes AX3702 ideally suited for single Li-Ion, two to four AA battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable systems. The constant on-time control scheme simplifies loop compensation and offers excellent load transient response. The high gain error amplifier in the control loop provides excellent load and line regulation. Proprietary adaptive on-time helps AX3702 to achieve nearly constant switching frequency across load range. AX3702 has cycle-by-cycle current limit and hiccup mode to protect over-load or short circuit fault conditions. Switching frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases efficiency and decreases need of an external Schottky diode. Low output voltages are easily supported with the 0.6V feedback reference voltage. AX3702 is available in small SOT-23-5L, SOT-23-6L, TDFN-10L (3*3), and SOP-8L-EP packages.

FEATURES
- 2.5V to 6.0V Input Voltage Range
- Output Voltage from 0.6V to VIN
- High Efficiency: Up to 92%
- 1.5MHz Switching Frequency Operation
- 2A Output Current
- Quiescent Current: 30uA (input < 4.2V)
- No Schottky Diode Required
- 100% Duty Cycle in Dropout
- 0.6V Reference Allows Low Output Voltages
- Internal 1msec Soft-Start
- Proprietary Fast Transient Constant On Time Architecture Stable with low ESR Ceramic Output Capacitors
- Cycle-by cycle Current limit Protection
- Hiccup Mode for Short Circuit and Over-Load Protect
- ≤ 1μA Shutdown Current
- SOT-23-5L, SOT-23-6L, TDFN-10L (3*3), and SOP-8L-EP Pb-Free packages
- RoHS and Halogen free compliance.




Similar Part No. - AX3702

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3702B AXELITE-AX3702B Datasheet
1Mb / 17P
5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
Rev.1.1 Nov.01, 2019
AX3702BA AXELITE-AX3702BA Datasheet
1Mb / 17P
5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
Rev.1.1 Nov.01, 2019
AX3702C AXELITE-AX3702C Datasheet
1Mb / 17P
5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
Rev.1.1 Nov.01, 2019
AX3702CA AXELITE-AX3702CA Datasheet
1Mb / 17P
5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
Rev.1.1 Nov.01, 2019
AX3702Z8 AXELITE-AX3702Z8 Datasheet
1Mb / 17P
5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
Rev.1.1 Nov.01, 2019
More results


Similar Description - AX3702

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
E-CMOS Corporation
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05208 UTC-UD05208 Datasheet
242Kb / 5P
1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com