Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05208 Datasheet (PDF) - Unisonic Technologies

UD05208 Datasheet PDF - Unisonic Technologies
Part # UD05208
Download  UD05208 Download
File Size   242.02 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER

UD05208 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD05208 Datasheet PDF - Unisonic Technologies

Part # UD05208
Download  UD05208 Click to download

File Size   242.02 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER

UD05208 Datasheet (HTML) - Unisonic Technologies


UD05208 Product details

DESCRIPTION
UTC UD05208 devices are synchronous step-down converters
optimized for small solution size and high efficiency. The devices
integrate switches capable of delivering an output current up to 2A.
The devices are based on an adaptive on time with valley current
mode control scheme. Typical operating frequency is 1.5MHz at
medium to heavy loads. The devices are optimized to achieve very
low output voltage ripple even with small external components and
feature an excellent load transient response. During a light load,
the UD05208 automatically enter into Power Save Mode at the
lowest quiescent current (50μA typ) to maintain high efficiency over
the entire load current range. In shutdown, the current consumption
is reduced to 1μA. The UD05208 provide an adjustable output
voltage via an external resistor divider. The output voltage start-up
ramp is controlled by an internal soft start, typically 300 μs. Power
sequencing is possible by configuring the Enable pin. Other
features like over current protection and over temperature
protection are built in.

 FEATURES
* 2.7V to 5.5V Input Voltage Range
* 1.5MHz Typical Switching Frequency
* Output Current up to 2A
* Adaptive On-Time Current Control
* Power Save Mode for Light Load Efficiency
* 50μA Operating Quiescent Current
* Over Current Protection
* Internal Soft Startup of 300μs (Typ.)
* Adjustable Output Voltage
* Thermal Shutdown Protection




Similar Part No. - UD05208

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AF5-R UTC-UD052012G-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AG6-R UTC-UD052012G-AG6-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012L-AF5-R UTC-UD052012L-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Similar Description - UD05208

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
E-CMOS Corporation
EC3217 E-CMOS-EC3217 Datasheet
710Kb / 16P
1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com