Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05154 Datasheet (PDF) - Unisonic Technologies

UD05154 Datasheet PDF - Unisonic Technologies
Part # UD05154
Download  UD05154 Download
File Size   246.18 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER

UD05154 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD05154 Datasheet PDF - Unisonic Technologies

Part # UD05154
Download  UD05154 Click to download

File Size   246.18 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER

UD05154 Datasheet (HTML) - Unisonic Technologies


UD05154 Product details

DESCRIPTION

UTC UD05154 devices are synchronous step-down converters
optimized for small solution size and high efficiency. The devices
integrate switches capable of delivering an output current up to
1.5A. The devices are based on an adaptive on time with valley
current mode control scheme. Typical operating frequency is
1.5MHz at medium to heavy loads. The devices are optimized to
achieve very low output voltage ripple even with small external
components and feature an excellent load transient response.
During a light load, the UD05154 automatically enter into Power
Save Mode at the lowest quiescent current (50μA typ) to maintain
high efficiency over the entire load current range. In shutdown, the
current consumption is reduced to 1μA. The UD05154 provide an
adjustable output voltage via an external resistor divider. The
output voltage start-up ramp is controlled by an internal soft start,
typically 300 μs. Power sequencing is possible by configuring the
Enable pin. Other features like over current protection and over
temperature protection are built in.

FEATURES

2.7V to 5.5V Input Voltage Range
1.5MHz Typical Switching Frequency
Output Current up to 1.5A
Adaptive On-Time Current Control
Power Save Mode for Light Load Efficiency
* 50μA Operating Quiescent Current
* Over Current Protection
* Internal Soft Startup of 300μs (Typ.)
* Adjustable Output Voltage
* Thermal Shutdown Protection




Similar Part No. - UD05154

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05158 UTC-UD05158 Datasheet
142Kb / 5P
1.5A, LOW NIOSE 1.5MHZ SYNCHRONOUS STEP-DOWN CONVERTER
More results


Similar Description - UD05154

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
ams AG
AS1335 AMSCO-AS1335 Datasheet
1Mb / 18P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
logo
Unisonic Technologies
UD05158 UTC-UD05158 Datasheet
142Kb / 5P
1.5A, LOW NIOSE 1.5MHZ SYNCHRONOUS STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6821 TECHCODE-TD6821 Datasheet
964Kb / 18P
1.5MHz Dual 1.5A Synchronous Step Down Regulator
logo
Unisonic Technologies
UD05208 UTC-UD05208 Datasheet
242Kb / 5P
1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com