Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8042AI Datasheet (PDF) - Texas Instruments

TUSB8042AI Datasheet PDF - Texas Instruments
Part # TUSB8042AI
Download  TUSB8042AI Download
File Size   3847.14 Kbytes
Page   64 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub

TUSB8042AI Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB8042AI Datasheet PDF - Texas Instruments

Part # TUSB8042AI
Download  TUSB8042AI Click to download

File Size   3847.14 Kbytes
Page   64 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub

TUSB8042AI Datasheet (HTML) - Texas Instruments


TUSB8042AI Product details

1 Features
• Four port USB 3.2 x1 Gen1 (5Gbps) hub
• USB 2.0 hub features
– Multiple transaction translator (MTT) hub: four
transaction translators
– Two asynchronous endpoint buffers per
transaction translator
• Supports battery charging:
– Supports D+/D– divider charging port (ACP1,
ACP2, and ACP3) when the upstream port is
unconnected or not configured
– Supports automatic mode for transition
between DCP or ACP modes when the
upstream port is unconnected
– Supports galaxy charging
– CDP mode (upstream port connected)
– DCP mode (upstream port unconnected)
– DCP mode complies with Chinese
telecommunications industry standard YD/T
1591-2009
• Supports operation as a USB 3.2 x1 Gen1 or USB
2.0 compound device
• Per port or ganged power switching and
overcurrent notification inputs
• Supports four external downstream ports
• Supports vendor requests to read and write I2C
and EEPROM read at 100k
• I2C controller supports clock stretching
• OTP ROM, Serial EEPROM or I2C/SMBus target
interface for custom configurations:
– VID and PID
– Port customizations
– Manufacturer and product strings (not by OTP
ROM)
– Serial number (not by OTP ROM)
• Application Feature selection using pin selection or
EEPROM or I2C/SMBus target interface
• Provides 128-bit Universally Unique Identifier
(UUID)
• Single clock input, 24MHz crystal or oscillator
• Downstream ports configurable to USB 2.0 only
• 64-pin QFN package (RGC)

2 Applications
• Computer systems
• Docking stations
• Monitors
• Set-top boxes

3 Description
The TUSB8042A is a four-port USB 3.2 x1 Gen1
(5Gbps) hub. The device provides simultaneous
SuperSpeed USB, high-speed, or full-speed
connections on the upstream port. The device
also provides SuperSpeed USB, high-speed, fullspeed,
or low-speed connections on the downstream
port. When the upstream port is connected to an
electrical environment that only supports high-speed,
full-speed, or low-speed connections, SuperSpeed
USB connectivity is disabled on the downstream
ports.
When the upstream port is connected to an electrical
environment that only supports full-speed or lowspeed
connections, SuperSpeed USB and high-speed
connectivity are disabled on the downstream ports.
The TUSB8042A supports per port or ganged power
switching and overcurrent protection, and supports
battery charging applications.
An individually port power controlled hub switches
power on or off to each downstream port as requested
by the USB host. Also when an individually port power
controlled hub senses an overcurrent event, only
power to the affected downstream port is switched off.
A ganged hub switches on power for all the
downstream ports when power is required for any
port. The power to the downstream ports is not
switched off unless all ports are in a state that allows
power to be removed. Also when a ganged hub
senses an overcurrent event, power to all downstream
ports is switched off.




Similar Part No. - TUSB8042AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8042AI TI1-TUSB8042AI Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AI TI2-TUSB8042AI Datasheet
3Mb / 64P
TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
REVISED JANUARY 2025
TUSB8042AIRGCR TI1-TUSB8042AIRGCR Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AIRGCR TI2-TUSB8042AIRGCR Datasheet
3Mb / 64P
TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
REVISED JANUARY 2025
TUSB8042AIRGCR.A TI2-TUSB8042AIRGCR.A Datasheet
3Mb / 64P
TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
REVISED JANUARY 2025
More results


Similar Description - TUSB8042AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com