Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8042AI Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB8042AI
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042AI Datasheet(HTML) 2 Page - Texas Instruments

  TUSB8042AI Datasheet HTML 1Page - Texas Instruments TUSB8042AI Datasheet HTML 2Page - Texas Instruments TUSB8042AI Datasheet HTML 3Page - Texas Instruments TUSB8042AI Datasheet HTML 4Page - Texas Instruments TUSB8042AI Datasheet HTML 5Page - Texas Instruments TUSB8042AI Datasheet HTML 6Page - Texas Instruments TUSB8042AI Datasheet HTML 7Page - Texas Instruments TUSB8042AI Datasheet HTML 8Page - Texas Instruments TUSB8042AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
The TUSB8042A downstream ports provide support for battery charging applications by providing Battery
Charging Downstream Port (CDP) handshaking support. The device also supports a Dedicated Charging Port
(DCP) mode when the upstream port is not connected. The DCP mode supports USB devices which support
with the USB Battery Charging, Galaxy Charging, and Chinese Telecommunications Industry Standard YD/T
1591-2009. In addition when upstream port is unconnected, the TUSB8042A supports the divider charging port
modes (ACPx modes) and an automatic transition through all modes, starting with ACP3 and ending in DCP.
The TUSB8042A provides pin strap configuration for some features including battery-charging support, and also
provides customization though OTP ROM, I2C EEPROM, or through an I2C/SMBus target interface for PID, VID,
and custom port and phy configurations. Custom string support is also available when using an I2C EEPROM or
the I2C/SMBus target interface.
The device is available in a 64-pin RGC package and is offered in a commercial version (TUSB8042A) for
operation over the temperature range of 0°C to 70°C, and in an industrial version (TUSB8042AI) for operation
over the temperature range of –40°C to 85°C.
Package Information
PART NUMBER(1)
PACKAGE
PACKAGE SIZE(2)
TUSB8042A
RGC (VQFN, 64)
9mm × 9mm
TUSB8042AI
RGC (VQFN, 64)
9mm × 9mm
(1)
For all available packages, see Section 12.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
USB 3.x Host Controller
USB 2.0
Device
USB 3.x
Device
USB 2.0 Connection
USB 3.x Connection
USB 2.0/3.x Device
USB 3.x Device
USB 2.0 Device
USB 3.1 System Implementation
USB 1.x Device
USB 1.1
Device
USB 1.x Connection
TUSB8042A
USB 2.0
Device
USB 3.x Hub
USB 3.x
Device
USB 2.0 Hub
USB 2.0
Device
USB 1.1
Device
USB 3.x
Device
Diagram
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com