Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8042AI Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB8042AI
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042AI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8042AI Datasheet HTML 17Page - Texas Instruments TUSB8042AI Datasheet HTML 18Page - Texas Instruments TUSB8042AI Datasheet HTML 19Page - Texas Instruments TUSB8042AI Datasheet HTML 20Page - Texas Instruments TUSB8042AI Datasheet HTML 21Page - Texas Instruments TUSB8042AI Datasheet HTML 22Page - Texas Instruments TUSB8042AI Datasheet HTML 23Page - Texas Instruments TUSB8042AI Datasheet HTML 24Page - Texas Instruments TUSB8042AI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
7.3.5 Crystal Requirements
The crystal must be fundamental mode with load capacitance of 12pF to 24pF and frequency stability rating
of ±100PPM or better. To ensure proper start-up oscillation condition, a maximum crystal equivalent series
resistance (ESR) of 50Ω is recommended. Use a parallel load capacitor if a crystal source is used. The exact
load capacitance value used depends on the crystal vendor. Refer to the Selection and Specification for Crystals
for Texas Instruments USB2.0 Devices application note for details on how to determine the load capacitance
value.
7.3.6 Input Clock Requirements
When using an external clock source such as an oscillator, make sure the reference clock has ±100PPM or
better frequency stability, less than 50ps absolute peak-to-peak jitter, or less than 25ps peak-to-peak jitter after
applying the USB 3.2 Gen1 jitter transfer function. TI recommends to tie XI to the 1.8V clock source and to leave
the XO floating.
7.3.7 Power-Up and Reset
The TUSB8042A does not have specific power sequencing requirements with respect to the core power (VDD)
or I/O and analog power (VDD33) as long as GRSTz is held in an asserted state while supplies ramp. The core
power (VDD) or I/O power (VDD33) can be powered up for an indefinite period of time while the other is not
powered up if all of these constraints are met:
• All maximum ratings and recommended operating conditions are observed.
• All warnings about exposure to maximum rated and recommended conditions are observed, particularly
junction temperature. These apply to power transitions as well as normal operation.
• Bus contention while VDD33 is powered up must be limited to 100 hours over the projected life-time of the
device.
• Bus contention while VDD33 is powered down may violate the absolute maximum ratings.
A supply bus is powered up when the voltage is within the recommended operating range. The supply bus is
powered down when the voltage is below that range, either stable or in transition.
A minimum reset duration of 3ms is required. This is defined as the time when the power supplies are in the
recommended operating range to the deassertion of GRSTz. This can be generated using programmable-delay
supervisory device or using an RC circuit. When a RC circuit is used, the external capacitor size chosen must be
large enough to meet the 3ms minimum duration requirement. The R of the RC circuit is the internal RPU.
www.ti.com
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com