Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8042AI Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB8042AI
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042AI Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB8042AI Datasheet HTML 12Page - Texas Instruments TUSB8042AI Datasheet HTML 13Page - Texas Instruments TUSB8042AI Datasheet HTML 14Page - Texas Instruments TUSB8042AI Datasheet HTML 15Page - Texas Instruments TUSB8042AI Datasheet HTML 16Page - Texas Instruments TUSB8042AI Datasheet HTML 17Page - Texas Instruments TUSB8042AI Datasheet HTML 18Page - Texas Instruments TUSB8042AI Datasheet HTML 19Page - Texas Instruments TUSB8042AI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
7.3 Feature Description
7.3.1 Battery Charging Features
The TUSB8042A provides support for USB Battery Charging (BC1.2) and custom charging. Battery charging
support can be enabled on a per port basis through the REG_6h(batEn[3:0]) or the BATEN[4:1] pins.
USB Battery charging support includes both Charging Downstream Port (CDP) and Dedicated Charging Port
(DCP) modes. The DCP mode is compliant with the Chinese Telecommunications Industry Standard YD/T
1591-2009. CDP is enabled when the upstream port has detected valid VBUS, configured, and host sets port
power. When the upstream port is not connected and battery charging support is enabled, the TUSB8042A
enables DCP mode once all other battery modes such as ACPx have failed or are disabled.
In addition to USB Battery charging (BC1.2), the TUSB8042A supports custom charging indications: Divider
Charging (ACP3, ACP2, ACP1 modes), and Galaxy compatible charging. These custom charging modes are
only supported when upstream port is unconnected and AUTOMODE is enabled. AUTOMODE can be enabled
either thru AUTOENz pin or from Reg_0Ah bit 1 (autoModeEnz) . When in AUTOMODE and upstream port is
disconnected, the port automatically transitions from ACP mode to the DCP mode depending on the portable
device connected. The divided mode places a fixed DC voltage on the ports DP and DM signals which allows
some devices to identify the capabilities of the charger. The default divider mode indicates support for up to 10W
(ACP3). The divider mode can be configured to report a lower-current setting (up to 5 W) through REG_0Ah
(HiCurAcpModeEn).
When the upstream port is not connected and battery charging support is enabled for a port, the TUSB8042A
drives the port power enable active. If AUTOMODE is disabled, then DCP mode is used. If AUTOMODE is
enabled and fully automatic mode is disabled (FullAutoEn bit is cleared (Reg_25h Bit 0) or FULLAUTOz pin = 0),
then TUSB8042A starts with highest enabled divider current mode (ACPx). The TUSB8042A remains in highest
current mode as long as a pullup is not detected on DP pin. If an pullup is detected on DP pin, then TUSB8042A
drives the port power enable inactive and switch to Galaxy mode, if enabled, or to DCP mode if Galaxy mode is
disabled. The TUSB8042A again drives the port power enable active. The TUSB8042A remains in Galaxy mode
as long as no pullup is detected on DP pin. If an pullup is detected on DP pin, then TUSB8042A drives the port
power enable inactive and transition to DCP mode. The TUSB8042A again drives the port power enable active.
In DCP mode, the TUSB8042A looks for a pullup detected on DP pin or RxVdat. If a pullup or RxVdat is detected
on DP, the TUSB8042A remains in DCP mode. If no pullup or RxVdat is detected on DP pin after 2 seconds,
the TUSB8042A drives the port power enable inactive and transition back to ACPx mode. This sequence repeats
until upstream port is connected.
When Automatic mode is enabled and full automatic mode is enabled (FullAutoEn Reg_25h bit 0 is set or
FULLAUTOz pin = 1), TUSB8042A performs same sequence described in previous paragraph with the addition
of attempting all supported ACPx modes before sequencing to Galaxy Mode (if enabled) or DCP mode.
The supported battery charging modes when TUSB8042A configured for SMBus or external EEPROM is
detailed in Table 7-1.
The supported battery charging modes when TUSB8042A configured for I2C but without an external EEPROM is
determined by the sampled state of the pins. These modes are detailed in Table 7-2.
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com