Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1112 Datasheet (PDF) - AXElite technology co. ltd

AX1112 Datasheet PDF - AXElite technology co. ltd
Part # AX1112
Download  AX1112 Download
File Size   318.5 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2V 350mA Low Dropout Linear Regulator

AX1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1112 Datasheet PDF - AXElite technology co. ltd

Part # AX1112
Download  AX1112 Click to download

File Size   318.5 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2V 350mA Low Dropout Linear Regulator

AX1112 Datasheet (HTML) - AXElite technology co. ltd


AX1112 Product details

 GENERAL DESCRIPTION
AX1112 is a low dropout positive fixed-mode regulator with minimum of 350mA output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AX1112 is also well suited for other applications such as VGA cards. AX1112 is guaranteed to have lower than 1.2V dropout at full load current making it ideal to provide well-regulated outputs.

 FEATURES
- Fixed 1.2V ±2% output voltage
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Good noise rejection
- Packages: SOT23-3L
- RoHS and Halogen free compliance




Similar Part No. - AX1112

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1110 AXELITE-AX1110 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R AXELITE-AX1110R Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R15 AXELITE-AX1110R15 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R15A AXELITE-AX1110R15A Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R18 AXELITE-AX1110R18 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
More results


Similar Description - AX1112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
1A 1.2V Low Dropout Linear Regulator
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658 Datasheet
111Kb / 12P
350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589_03 Datasheet
60Kb / 12P
2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
1A 1.2V Low Dropout Linear Regulator
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
1A 1.2V Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com