Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1110 Datasheet (PDF) - AXElite technology co. ltd

AX1110 Datasheet PDF - AXElite technology co. ltd
Part # AX1110
Download  AX1110 Download
File Size   366.72 Kbytes
Page   7 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 350mA Low Dropout Linear Regulator

AX1110 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1110 Datasheet PDF - AXElite technology co. ltd

Part # AX1110
Download  AX1110 Click to download

File Size   366.72 Kbytes
Page   7 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 350mA Low Dropout Linear Regulator

AX1110 Datasheet (HTML) - AXElite technology co. ltd


AX1110 Product details

 GENERAL DESCRIPTION
AX1110 is a low dropout positive adjustable or fixed-mode regulator with minimum of 350mA output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AX1110 is also well suited for other applications such as VGA cards. AX1110 is guaranteed to have lower than 1.2V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 12V input supply.

 FEATURES
- 1.2V maximum dropout at full load current
- Fast transient response
- Output Current Limiting
- Built-in Thermal Shutdown
- Good noise rejection
- 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
- Packages: SOT-23-3L
- RoHS and Halogen free compliance




Similar Part No. - AX1110

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1112 AXELITE-AX1112 Datasheet
318Kb / 6P
1.2V 350mA Low Dropout Linear Regulator
Rev.1.5 Sep.19, 2019
AX1112R AXELITE-AX1112R Datasheet
318Kb / 6P
1.2V 350mA Low Dropout Linear Regulator
Rev.1.5 Sep.19, 2019
AX1112RA AXELITE-AX1112RA Datasheet
318Kb / 6P
1.2V 350mA Low Dropout Linear Regulator
Rev.1.5 Sep.19, 2019
AX1113 AXELITE-AX1113 Datasheet
369Kb / 7P
400mA Low Dropout Linear Regulator
Rev.1.7 Sep.19, 2019
AX1113AF AXELITE-AX1113AF Datasheet
369Kb / 7P
400mA Low Dropout Linear Regulator
Rev.1.7 Sep.19, 2019
More results


Similar Description - AX1110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658 Datasheet
111Kb / 12P
350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
logo
Texas Instruments
TPS720 TI-TPS720 Datasheet
552Kb / 19P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com