Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1113 Datasheet (PDF) - AXElite technology co. ltd

AX1113 Datasheet PDF - AXElite technology co. ltd
Part # AX1113
Download  AX1113 Download
File Size   369.83 Kbytes
Page   7 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 400mA Low Dropout Linear Regulator

AX1113 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1113 Datasheet PDF - AXElite technology co. ltd

Part # AX1113
Download  AX1113 Click to download

File Size   369.83 Kbytes
Page   7 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 400mA Low Dropout Linear Regulator

AX1113 Datasheet (HTML) - AXElite technology co. ltd


AX1113 Product details

 GENERAL DESCRIPTION
AX1113 is a low dropout positive adjustable or fixed-mode regulator with minimum of 400mA output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 5V logic supply. AX1113 is also well suited for other applications such as VGA cards. AX1113 is guaranteed to have lower than 1.2V dropout at full load current.

 FEATURES
- 3-Terminal Adjustable or Fixed 1.8V, 3.3, 5.0V
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Good noise rejection
- Packages: SOT89-3L
- RoHS and Halogen free compliance




Similar Part No. - AX1113

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1110 AXELITE-AX1110 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R AXELITE-AX1110R Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R15 AXELITE-AX1110R15 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R15A AXELITE-AX1110R15A Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R18 AXELITE-AX1110R18 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
More results


Similar Description - AX1113

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
3.7V 400mA Low Dropout Regulator
G930 GMT-G930 Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
Low Input Voltage, Low Dropout 400mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com