Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1113 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX1113
Description  400mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1113 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX1113 Datasheet HTML 1Page - AXElite technology co. ltd AX1113 Datasheet HTML 2Page - AXElite technology co. ltd AX1113 Datasheet HTML 3Page - AXElite technology co. ltd AX1113 Datasheet HTML 4Page - AXElite technology co. ltd AX1113 Datasheet HTML 5Page - AXElite technology co. ltd AX1113 Datasheet HTML 6Page - AXElite technology co. ltd AX1113 Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1113
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load
regulation is measured at the output lead = 1/18” from the package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 33W. Power
dissipation is determined by the difference between input and output differential and the output current.
Guaranteed maximum power dissipation will not be available over the full input/output range.
Note3: Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V
input/output differential the device is guaranteed to regulate if the output current is greater than 10mA.
Note4: Tab is connected to the multi-layer PCB cupper area 5mm*5mm.
APPLICATION CIRCUIT
VIN+5V
C1
10uF
AX1113AF/BF
GND
VOUT
VIN
Vout=3.3V
C2
10uF
VIN+5V
C1
10uF
AX1113EF/FF
GND
VOUT
VIN
Vout=3.3V
C2
10uF
R1
R2
240
390
VOUT=VREF x (1+
)
VREF=1.250V
R2
R1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com