Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1212A Datasheet (PDF) - AXElite technology co. ltd

AX1212A Datasheet PDF - AXElite technology co. ltd
Part # AX1212A
Download  AX1212A Download
File Size   527.84 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2V Output 1A LOW Dropout Linear Regulator

AX1212A Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1212A Datasheet PDF - AXElite technology co. ltd

Part # AX1212A
Download  AX1212A Click to download

File Size   527.84 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2V Output 1A LOW Dropout Linear Regulator

AX1212A Datasheet (HTML) - AXElite technology co. ltd


AX1212A Product details

 GENERAL DESCRIPTION
AX1212A is a low dropout positive 1.2V output regulator with minimum of 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications. AX1212A is also well suited for other applications such as VGA cards. AX1212A is guaranteed to have lower than 1.5V dropout at full load current making it ideal to provide well-regulated outputs of 1.2V with 2.6V to 12V input supply.

 FEATURES
- Fixed 1.2V + 2% output voltage
- 1.5V maximum dropout at full load current
- Low-ESR Ceramic Capacitor (MLCC) Required for Stability
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Good noise rejection
- Pb-Free Packages: SOT223, TO252
- RoHS and Halogen free compliance.




Similar Part No. - AX1212A

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1201 AXELITE-AX1201 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J8 AXELITE-AX1201J8 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J812 AXELITE-AX1201J812 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J812A AXELITE-AX1201J812A Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J850 AXELITE-AX1201J850 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
More results


Similar Description - AX1212A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
1A 1.2V Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
1A 1.2V Low Dropout Linear Regulator
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
1A 1.2V Low Dropout Linear Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com