Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1201 Datasheet (PDF) - AXElite technology co. ltd

AX1201 Datasheet PDF - AXElite technology co. ltd
Part # AX1201
Download  AX1201 Download
File Size   589.67 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1A Ultra Low Dropout Linear Regulator

AX1201 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1201 Datasheet PDF - AXElite technology co. ltd

Part # AX1201
Download  AX1201 Click to download

File Size   589.67 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1A Ultra Low Dropout Linear Regulator

AX1201 Datasheet (HTML) - AXElite technology co. ltd


AX1201 Product details

 GENERAL DESCRIPTION
The AX1201 is a low-dropout voltage regulator suitable for various electronic equipments. It provides constant voltage power source. The dropout voltage of AX1201 is below 0.14V in full rated current (1A). This regulator has various functions such as a peak current protection, a thermal shut down, a short circuit protect.
The AX1201 is available in SOP-8L and TDFN-8L power packages which features small size to reduce the junction-to-case resistance, being applicable in 0.5~3W applications.

 FEATURES
- Ultra Low Dropout - 0.14V(typical) at 1A Output Current
- Adjustable mode: 1.22V Reference Voltage
- Fixed mode:5V, 9V, 12V output voltage
- Operating voltage can be up to 23V.
- Current-Limit and Thermal Shutdown Protection
- Short circuit protection, Enable function.
- Built-in internal SW P-channel MOS
- SOP-8L and TDFN-8L Pb-Free Packages.
- RoHS and Halogen free compliance




Similar Part No. - AX1201

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1205 AXELITE-AX1205 Datasheet
471Kb / 8P
2A Ultra Low Dropout Linear Regulator
Rev.1.4 Aug.22, 2019
AX1205S AXELITE-AX1205S Datasheet
471Kb / 8P
2A Ultra Low Dropout Linear Regulator
Rev.1.4 Aug.22, 2019
AX1205SA AXELITE-AX1205SA Datasheet
471Kb / 8P
2A Ultra Low Dropout Linear Regulator
Rev.1.4 Aug.22, 2019
More results


Similar Description - AX1201

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
1A Ultra Low-Dropout Linear Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com