Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1205 Datasheet (PDF) - AXElite technology co. ltd

AX1205 Datasheet PDF - AXElite technology co. ltd
Part # AX1205
Download  AX1205 Download
File Size   471.51 Kbytes
Page   8 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A Ultra Low Dropout Linear Regulator

AX1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1205 Datasheet PDF - AXElite technology co. ltd

Part # AX1205
Download  AX1205 Click to download

File Size   471.51 Kbytes
Page   8 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A Ultra Low Dropout Linear Regulator

AX1205 Datasheet (HTML) - AXElite technology co. ltd


AX1205 Product details

 GENERAL DESCRIPTION
The AX1205 is a low-dropout voltage regulator suitable for various electronic equipments. It provides constant voltage power source. The dropout voltage of AX1205 is below 0.3V in full rated current (2A). This regulator has various functions such as a peak current protection, a thermal shut down, a short circuit protect.
The AX1205 is available in SOP-8L power package which features small size to reduce the junction-to-case resistance, being applicable in 0.1~1.6W applications.

 FEATURES
- Ultra Low Dropout - 0.3V(typical) at 2A Output Current
- Adjustable mode: 1.22V Reference Voltage
- Operating voltage can be up to 12V.
- Current-Limit and Thermal Shutdown Protection
- Short circuit protection, Enable function.
- Built-in internal SW P-channel MOS
- SOP-8L Pb-Free Package.
- RoHS and Halogen free compliance.




Similar Part No. - AX1205

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1201 AXELITE-AX1201 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J8 AXELITE-AX1201J8 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J812 AXELITE-AX1201J812 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J812A AXELITE-AX1201J812A Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
AX1201J850 AXELITE-AX1201J850 Datasheet
589Kb / 10P
1A Ultra Low Dropout Linear Regulator
Rev.1.9 Sep.20, 2019
More results


Similar Description - AX1205

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7962 EUTECH-EUP7962 Datasheet
271Kb / 15P
2A Ultra Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
2A Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com