Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3482 Datasheet (PDF) - AXElite technology co. ltd

AX3482 Datasheet PDF - AXElite technology co. ltd
Part # AX3482
Download  AX3482 Download
File Size   997.99 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A, 23V, 350kHz Synchronous Rectified Step-Down Converter

AX3482 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3482 Datasheet PDF - AXElite technology co. ltd

Part # AX3482
Download  AX3482 Click to download

File Size   997.99 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A, 23V, 350kHz Synchronous Rectified Step-Down Converter

AX3482 Datasheet (HTML) - AXElite technology co. ltd


AX3482 Product details

 GENERAL DESCRIPTION
The AX3482 is a monolithic synchronous buck regulator. The device integrates two 130mΩ MOSFETs, and provides 2A of continuous load current over a wide input voltage of 4.75V to 23V. Current mode control provides fast transient response and cycle-by-Cycle current limit.
An adjustable soft-start prevents inrush current at turn-on, and in shutdown mode the supply current drops to 1μA.
This device, available in an 8-pin SOP package, provides a very compact solution with minimal external components.

 FEATURES
- 2A Output Current
- Wide 4.75V to 23V Operating Input Range
- Integrated 130mΩ Power MOSFET Switches
- Output adjust from VFB to 20V
- Up to 93% Efficiency
- Programmable Soft-Start
- Stable with Low ESR Ceramic Output Capacitors
- Fixed 350KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Thermal shutdown and short circuit protections
- RoHS and Halogen free compliance.




Similar Part No. - AX3482

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3484 AXELITE-AX3484 Datasheet
978Kb / 10P
3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
Rev.1.4 Oct.17, 2019
AX3484ES AXELITE-AX3484ES Datasheet
978Kb / 10P
3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
Rev.1.4 Oct.17, 2019
AX3484ESA AXELITE-AX3484ESA Datasheet
978Kb / 10P
3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
Rev.1.4 Oct.17, 2019
More results


Similar Description - AX3482

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
logo
First Silicon Co., Ltd
FAC1482F FS-FAC1482F Datasheet
1Mb / 13P
2A , 23V Synchronus Rectified Step Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com