Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3484 Datasheet (PDF) - AXElite technology co. ltd

AX3484 Datasheet PDF - AXElite technology co. ltd
Part # AX3484
Download  AX3484 Download
File Size   978.74 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A, 23V, 340kHz Synchronous Rectified Step-Down Converter

AX3484 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3484 Datasheet PDF - AXElite technology co. ltd

Part # AX3484
Download  AX3484 Click to download

File Size   978.74 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A, 23V, 340kHz Synchronous Rectified Step-Down Converter

AX3484 Datasheet (HTML) - AXElite technology co. ltd


AX3484 Product details

GENERAL DESCRIPTION
The AX3484 is a monolithic synchronous buck regulator. The device integrates two 100mΩ MOSFETs, and provides 3A of continuous load current over a wide input voltage of 4.75V to 23V. Current mode control provides fast transient response and Cycle-by-Cycle current limit.
An adjustable soft-start prevents inrush current at turn-on, and in shutdown mode the supply current drops to 1μA.
This device, available in an 8-pin SOP with exposed pad package, provides a very compact solution with minimal external components.

 FEATURES
- 3A Output Current
- Wide 4.75V to 23V Operating Input Range
- Integrated 100mΩ Power MOSFET Switches
- Output adjust from VFB to 20V
- Up to 95% Efficiency
- Programmable Soft-Start
- Stable with Low ESR Ceramic Output Capacitors
- Fixed 350KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Thermal shutdown and short circuit protections
- RoHS and Halogen free compliance.




Similar Part No. - AX3484

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3482 AXELITE-AX3482 Datasheet
997Kb / 10P
2A, 23V, 350kHz Synchronous Rectified Step-Down Converter
Rev.1.5 Oct.17, 2019
AX3482S AXELITE-AX3482S Datasheet
997Kb / 10P
2A, 23V, 350kHz Synchronous Rectified Step-Down Converter
Rev.1.5 Oct.17, 2019
AX3482SA AXELITE-AX3482SA Datasheet
997Kb / 10P
2A, 23V, 350kHz Synchronous Rectified Step-Down Converter
Rev.1.5 Oct.17, 2019
More results


Similar Description - AX3484

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307_06 Datasheet
342Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2307 MPS-MP2307_08 Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com