Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6606 Datasheet (PDF) - AXElite technology co. ltd

AX6606 Datasheet PDF - AXElite technology co. ltd
Part # AX6606
Download  AX6606 Download
File Size   366.95 Kbytes
Page   8 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 600mA LDO Linear Regulator

AX6606 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6606 Datasheet PDF - AXElite technology co. ltd

Part # AX6606
Download  AX6606 Click to download

File Size   366.95 Kbytes
Page   8 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 600mA LDO Linear Regulator

AX6606 Datasheet (HTML) - AXElite technology co. ltd


AX6606 Product details

 GENERAL DESCRIPTION
The AX6606 is a low dropout, positive linear regulator with very low quiescent. It can supply up to 600mA output current. The BP pin with a 10nF bypass capacitor can help reduce the output noise level. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 50μA. In the shutdown mode, the maximum supply current is less than 1uA. The AX6606 regulator is able to operate with output capacitors as small as 2.2uF for stability. The AX6606 series are offering several fixed output voltage types including 1.0V, 1.1V, 1.2V, 1.3V and 1.4V. Built-in current-limit and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range : 2.6V~5.5V
- 1.0V/1.1V/1.2V/1.3V/1.4V fixed output voltages
- Guaranteed 600mA output current
- Very Low quiescent current at 50μA (typ.)
- Maximum supply current in shutdown mode <1uA
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the SOT-23-5L and TDFN-6L Pb-Free Packages




Similar Part No. - AX6606

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results


Similar Description - AX6606

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
Dual, 600mA LDO Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230_09 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
600mA Super LDO Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
600mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com