Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6615 Datasheet (PDF) - AXElite technology co. ltd

AX6615 Datasheet PDF - AXElite technology co. ltd
Part # AX6615
Download  AX6615 Download
File Size   573.47 Kbytes
Page   14 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A Ultra Low Dropout Linear Regulator

AX6615 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6615 Datasheet PDF - AXElite technology co. ltd

Part # AX6615
Download  AX6615 Click to download

File Size   573.47 Kbytes
Page   14 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A Ultra Low Dropout Linear Regulator

AX6615 Datasheet (HTML) - AXElite technology co. ltd


AX6615 Product details

 GENERAL DESCRIPTION
The AX6615 is a 3A ultra low dropout linear regulator. This product is specifically designed to provide well supply voltage for front-side-bus termination on motherboards and NB applications. The IC needs two supply voltages, a control voltage for the circuitry and a main supply voltage for power conversion, to reduce power dissipation and provide extremely low dropout. The AX6615 integrates many functions. A Power-On-Reset (POR) circuit monitors both supply voltages to prevent wrong operations. A thermal shutdown and current limit functions protect the device against thermal and current over-loads. The AX6615 can be enabled by other power system. Pulling and holding the EN pin below 0.3V shuts off the output.
The AX6615 is available in SOP-8L-EP and TDFN-10L packages which features small size as an Exposed Pad to reduce the junction-to-case resistance, being applicable in 2~3W applications.

 FEATURES
- Ultra Low Dropout - 0.23V(typical) at 3A Output Current
- Low ESR Output Capacitor (Multi-layer Chip Capacitors (MLCC)) Applicable
- 0.8V Reference Voltage
- Fast Transient Response
- Adjustable Output Voltage by External Resistors
- Power-On-Reset Monitoring on Both VCNTL and VIN Pins
- Internal Soft-Start
- Under-Voltage Protection
- Current-Limit and Thermal Shutdown Protection
- SOP-8L-EP and TDFN-10L (3mm*3mm) Pb-Free Package.
- RoHS and Halogen free compliance.




Similar Part No. - AX6615

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6613 AXELITE-AX6613 Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613C AXELITE-AX6613C Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613CA AXELITE-AX6613CA Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613ES AXELITE-AX6613ES Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613ESA AXELITE-AX6613ESA Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
More results


Similar Description - AX6615

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com