Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6613C Datasheet (PDF) - AXElite technology co. ltd

AX6613C Datasheet PDF - AXElite technology co. ltd
Part # AX6613C
Download  AX6613C Download
File Size   694.86 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1A Ultra Low Dropout Linear Regulator

AX6613C Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6613C Datasheet PDF - AXElite technology co. ltd

Part # AX6613C
Download  AX6613C Click to download

File Size   694.86 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1A Ultra Low Dropout Linear Regulator

AX6613C Datasheet (HTML) - AXElite technology co. ltd


AX6613C Product details

 GENERAL DESCRIPTION
The AX6613 is a 1A ultra low dropout linear regulator. This product is specifically designed to provide well supply voltage for front-side-bus termination on motherboards and NB applications. The IC needs two supply voltages, a control voltage for the circuitry and a main supply voltage for power conversion, to reduce power dissipation and provide extremely low dropout. The AX6613 integrates many functions. A Power-On-Reset (POR) circuit monitors both supply voltages to prevent wrong operations. A thermal shutdown and current limit functions protect the device against thermal and current over-loads. A POK indicates the output status with time delay which is set internally. It can control other converter for power sequence. The AX6613 can be enabled by other power system. Pulling and holding the EN pin below 0.3V shuts off the output.
The AX6613 is available in SOP-8L-EP, SOT-23-6L and TDFN-8L packages. That features small size as SOP-8L with an Exposed Pad to reduce the junction-to-case resistance, being applicable in 2~3W applications.

 FEATURES
- Ultra Low Dropout - 0.2V(typical) at 1A Output Current
- Low ESR Output Capacitor (Multi-layer Chip Capacitors (MLCC)) Applicable
- 0.8V Reference Voltage
- Fast Transient Response
- Adjustable Output Voltage by External Resistors
- Power-On-Reset Monitoring on Both VCNTL and VIN Pins
- Internal Soft-Start
- Under-Voltage Protection
- Current-Limit and Thermal Shutdown Protection
- Power-OK Output with a Delay Time
- SOP-8L with Exposed Pad, SOT-23-6L and TDFN-8L Pb-Free Packages.
- RoHS and Halogen free compliance.




Similar Part No. - AX6613C

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6615 AXELITE-AX6615 Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615ES AXELITE-AX6615ES Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615ESA AXELITE-AX6615ESA Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615J10 AXELITE-AX6615J10 Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615J10A AXELITE-AX6615J10A Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
More results


Similar Description - AX6613C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
1A Ultra Low-Dropout Linear Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com