Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6604LCA Datasheet (PDF) - AXElite technology co. ltd

AX6604LCA Datasheet PDF - AXElite technology co. ltd
Part # AX6604LCA
Download  AX6604LCA Download
File Size   409.76 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Dual Channel LDO Regulators with Enable

AX6604LCA Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6604LCA Datasheet PDF - AXElite technology co. ltd

Part # AX6604LCA
Download  AX6604LCA Click to download

File Size   409.76 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Dual Channel LDO Regulators with Enable

AX6604LCA Datasheet (HTML) - AXElite technology co. ltd


AX6604LCA Product details

 GENERAL DESCRIPTION
The AX6604/5 is a high accurately, low noise, high ripple rejection ratio, low dropout, dual CMOS LDO voltage regulators with enable function. The EN function allows the output of each regulator to be turned off independently, resulting in greatly reduced power consumption.
The AX6604/5 has the soft start function to suppress the inrush current. The current limit is over 250mA per channel and also operates as a short protection for the output current limiter. The output voltage for each regulator is set independently by metal trimming.
The AX6604/5 is fully compatible with low ESR ceramic capacitors, reducing cost and improving output stability. This high level output stability is maintained even during frequent load fluctuations, due to the excellent transient response performance and high PSRR achieved across a broad range of frequency. It is available in the SOT-23-6L package.

 FEATURES
- Input voltage range : 2.5V to 6V
- Varied fixed output voltage combinations
- 150mV Dropout at 100m A output current (VOUT ≥ 2.8V)
- Output current : 20 0mA/channel (typ.)
- Low quiescent current
- Standby Current: 1uA(typ.)
- Current Limit and Short current protections
- Thermal shutdown protection
- Fast transient response
- Low ESR Capacitor Compatible (X7R, X5R)
- Available in the 6-Pin Pb-Free SOT 23 package




Similar Part No. - AX6604LCA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results


Similar Description - AX6604LCA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
100 mA CMOS LDO Regulators with Fast Start Enable
logo
Taiwan Semiconductor Co...
TS9020 TSC-TS9020 Datasheet
396Kb / 6P
200mA Dual Channel CMOS LDO with Enable Function
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837 Datasheet
210Kb / 7P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8838 A-POWER-APE8838 Datasheet
207Kb / 7P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
DUAL CHANNEL LDO REGULATORS WITH ENABLE
logo
ON Semiconductor
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com