Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6618 Datasheet (PDF) - AXElite technology co. ltd

AX6618 Datasheet PDF - AXElite technology co. ltd
Part # AX6618
Download  AX6618 Download
File Size   469.66 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A Ultra Low Dropout Linear Regulator

AX6618 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6618 Datasheet PDF - AXElite technology co. ltd

Part # AX6618
Download  AX6618 Click to download

File Size   469.66 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A Ultra Low Dropout Linear Regulator

AX6618 Datasheet (HTML) - AXElite technology co. ltd


AX6618 Product details

 GENERAL DESCRIPTION
The AX6618 is a 3A ultra low dropout linear regulator. This product is specifically designed to provide well supply voltage for front-side-bus termination on motherboards and NB applications. The IC needs two supply voltages, a control voltage for the circuitry and a main supply voltage for power conversion, to reduce power dissipation and provide extremely low dropout. The AX6618 integrates many functions. A Power-On-Reset (POR) circuit monitors both supply voltages to prevent wrong operations. A thermal shutdown and current limit functions protect the device against thermal and current over-loads. A POK indicates the output status with time delay which is set internally. It can control other converter for power sequence. The AX6618 can be enabled by other power system. Pulling and holding the EN pin below 0.4V shuts off the output.
The AX6618 is available in SOP-8L-EP and TDFN-10L packages which features small size as an Exposed Pad to reduce the junction-to-case resistance, being applicable in 2~3W applications.

 FEATURES
- Ultra Low Dropout - 0.20V(typical) at 3A Output Current
- Low ESR Output Capacitor (Multi-layer Chip Capacitors (MLCC)) Applicable
- 0.5V Reference Voltage
- Fast Transient Response
- Adjustable Output Voltage by External Resistors
- Power-On-Reset Monitoring on Both VCNTL and VIN Pins
- Internal Soft-Start
- Under-Voltage Protection
- Current-Limit and Thermal Shutdown Protection
- Power-OK Output with a Delay Time
- SOP-8L-EP and TDFN-10L (3mm*3mm) Pb-Free Package.




Similar Part No. - AX6618

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6613 AXELITE-AX6613 Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613C AXELITE-AX6613C Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613CA AXELITE-AX6613CA Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613ES AXELITE-AX6613ES Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613ESA AXELITE-AX6613ESA Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
More results


Similar Description - AX6618

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com