Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6639A Datasheet (PDF) - AXElite technology co. ltd

AX6639A Datasheet PDF - AXElite technology co. ltd
Part # AX6639A
Download  AX6639A Download
File Size   1133.86 Kbytes
Page   21 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A High Output Current LDO Regulator

AX6639A Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6639A Datasheet PDF - AXElite technology co. ltd

Part # AX6639A
Download  AX6639A Click to download

File Size   1133.86 Kbytes
Page   21 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A High Output Current LDO Regulator

AX6639A Datasheet (HTML) - AXElite technology co. ltd


AX6639A Product details

 GENERAL DESCRIPTION
The AX6639/A is a low noise, high output current, low quiescent current and low dropout linear regulator. The Device includes pass element, error amplifier, band-gap, current-limit and thermal shutdown circuitry. The output current is up to 3A. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 200μA. There are 1.5V, 1.8V, 2.5V, 3.3V fixed output voltage and adjustable output versions (SOP-8L-EP and TO263-5L Only). Built-in current-limit, Short current protection and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range 2.6 V~ 5.5 V
- Adjustable Output (SOP 8L EP and TO263 5L Only) and f ixed Output voltage for 1.5V, 1.8V, 2.5V and 3.3V
- Dropout voltage is 3 8 0mV at 3 A output current
- Guaranteed 3A output current
- Low quiescent current is 200µA (typ.)
- Fast transient response
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the SOT-223 TO252, 2-pin TO263 and 5-Pin TO263 and SOP-8L-EP Pb-Free packages
- RoHS and Halogen free compliance.




Similar Part No. - AX6639A

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6630 AXELITE-AX6630 Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100D AXELITE-AX6630-100D Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100DA AXELITE-AX6630-100DA Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100E AXELITE-AX6630-100E Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100EA AXELITE-AX6630-100EA Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
More results


Similar Description - AX6639A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
Bipolar 3A LDO Voltage regulator
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
3A LDO VOLTAGE REGULATOR
logo
Advanced Power Electron...
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
1.2A HIGH OUTPUT CURRENT LDO REGULATOR
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com