Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29302 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

MIC29302 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # MIC29302
Download  MIC29302 Download
File Size   697.03 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3A Fast-Response LDO Regulator

MIC29302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC29302 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # MIC29302
Download  MIC29302 Click to download

File Size   697.03 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3A Fast-Response LDO Regulator

MIC29302 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


MIC29302 Product details

General Description
The MIC29302 is a high-current, low-cost, low-dropout
voltage regulator which uses Micrel's proprietary Super
βeta PNP® process with a PNP pass element. The 3A
LDO regulator features 450mV (full load) dropout voltage
and very low ground current. Designed for high-current
loads, these devices also find applications in lower current,
low dropout-critical systems, where their dropout voltage
and ground current values are important attributes.
Along with a total accuracy of ±2% (over temperature, line
and load regulation) the regulator features very-fast
transient recovery from input voltage surges and output
load current changes.
The MIC29302 has an adjustable output which can be
set by two external resistors to a voltage between 1.24V to
15V. In addition, the device is fully protected against over
current faults, reversed input polarity, reversed lead
insertion, and overtemperature operation. A TTL logic
enable (EN) pin is available in the MIC29302 to
shutdown the regulator. When not used, the device can be
set to continuous operation by connecting EN to the input
(IN). The MIC29302 is available in the standard and 5-pin
TO-263 and TO-220 packages with an operating junction
temperature range of −40°C to +85°C.

Features
High-current capability
− 3A over full temperature range
Low-dropout voltage of 450mV at full load
Low ground current
Accurate 1% guaranteed tolerance
Extremely-fast transient response
Zero-current shutdown mode
Error flag signals output out-of-regulation
Adjustable output voltage
Packages: TO263-5 and TO220-5
Applications
Processor peripheral and I/O supplies
High-efficiency “Green” computer systems
Automotive electronics
High-efficiency linear lower supplies
Battery-powered equipment
PC add-in cards
High-efficiency lost-regulator for switching supply




Similar Part No. - MIC29302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
MIC29302AWD MICREL-MIC29302AWD Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
MIC29302AWD MICREL-MIC29302AWD Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
MIC29302AWU MICREL-MIC29302AWU Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
More results


Similar Description - MIC29302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
7.5A Fast-Response LDO Regulator
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
7.5A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com