Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29310 Datasheet (PDF) - Micrel Semiconductor

MIC29310 Datasheet PDF - Micrel Semiconductor
Part # MIC29310
Download  MIC29310 Download
File Size   168.71 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A Fast-Response LDO Regulator

MIC29310 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC29310 Datasheet PDF - Micrel Semiconductor

Part # MIC29310
Download  MIC29310 Click to download

File Size   168.71 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A Fast-Response LDO Regulator

MIC29310 Datasheet (HTML) - Micrel Semiconductor


MIC29310 Product details

General Description

The MIC29310 and MIC29312 are low cost versions of MIC29300 family low-dropout (LDO) regulators. Manufactured on Micrel’s proprietary Super beta PNP™ process, the MIC29310/2 is a 3A LDO regulator with very low-dropout voltage (600mV over the full load) and low ground current. Along with a total accuracy of ±2% (over temperature, line and load regulation) these regulators feature very fast transient recovery from input voltage surges and output load current changes.



Features

• Low cost versions of MIC29300 family

• Fast transient response

• 3A current over full temperature range

• 600mV dropout voltage at full load

• Low ground current

• Accurate 1% guaranteed tolerance

• “Zero” current shutdown mode (MIC29312)

• Fixed voltage and adjustable versions



Applications

• Processor peripheral and I/O supplies

• PC add-in cards

• High-efficiency “green” computer systems

• High-efficiency linear power supplies

• High-efficiency switching supply post regulator

• Battery-powered equipment



 




Similar Part No. - MIC29310

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-3.3BT MICREL-MIC29310-3.3BT Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-3.3BU MICREL-MIC29310-3.3BU Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-3.3WT MICREL-MIC29310-3.3WT Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-3.3WU MICREL-MIC29310-3.3WU Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
More results


Similar Description - MIC29310

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
7.5A Fast-Response LDO Regulator
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
7.5A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com