Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29310 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC29310
Description  3A Fast-Response LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC29310 Datasheet HTML 4Page - Micrel Semiconductor MIC29310 Datasheet HTML 5Page - Micrel Semiconductor MIC29310 Datasheet HTML 6Page - Micrel Semiconductor MIC29310 Datasheet HTML 7Page - Micrel Semiconductor MIC29310 Datasheet HTML 8Page - Micrel Semiconductor MIC29310 Datasheet HTML 9Page - Micrel Semiconductor MIC29310 Datasheet HTML 10Page - Micrel Semiconductor MIC29310 Datasheet HTML 11Page - Micrel Semiconductor MIC29310 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC29310/29312
Micrel
MIC29310/29312
8
July 1999
loads. If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum
load current is necessary for proper regulation.
Adjustable Regulator Design
R1
100k
R2
56.2k
VOUT = 1.240V × [1 + (R1 / R2)]
VIN
4.75V to 5.25V
VOUT
3.45V
MIC29312BT
22µF
10µF
Figure 4. Adjustable Regulator with Resistors
The adjustable regulator version, MIC29312, allows pro-
gramming the output voltage anywhere between 1.25V and
the 15V maximum operating rating of the family. Two resis-
tors are used. Resistors can be quite large, up to 1M
Ω,
because of the very high input impedance and low bias
current of the sense comparator. The resistor values are
calculated by:
V
OUT
R1 = R2
× ( –—— – 1 )
1.240
Where V
O is the desired output voltage. Figure 4 shows
component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load
current required for proper operation (see the table below).
Enable Input
The MIC29312 version features an enable (EN) input that
allows ON/OFF control of the device. Special design allows
“zero” current drain when the device is disabled—only micro-
amperes of leakage current flows. The EN input has TTL/
CMOS compatible thresholds for simple interfacing with
logic, or may be directly tied to V
IN. Enabling the regulator
requires approximately 20
µA of current into the EN pin.
Resistor Value Table for the MIC29312 Adjustable Regulator
Note: This regulator has a minimum load requirement. “Standard” values assume the load meets this requirement. “Minimum
Load” values are calculated to draw 10mA and allow regulation with an open load (the minimum current drawn from the load
may be zero).
Voltage
Standard (
Ω)
Min. Load (
Ω)
R1
R2
R1
R2
2.85
100k
76.8k
162
124
2.9
100k
75.0k
165
124
3.0
100k
69.8k
174
124
3.1
100k
66.5k
187
124
3.15
100k
64.9k
191
124
3.3
100k
60.4k
205
124
3.45
100k
56.2k
221
124
3.6
100k
52.3k
237
124
3.8
100k
48.7k
255
124
4.0
100k
45.3k
274
124
4.1
100k
43.2k
287
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com