Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29310 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC29310
Description  3A Fast-Response LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC29310 Datasheet HTML 1Page - Micrel Semiconductor MIC29310 Datasheet HTML 2Page - Micrel Semiconductor MIC29310 Datasheet HTML 3Page - Micrel Semiconductor MIC29310 Datasheet HTML 4Page - Micrel Semiconductor MIC29310 Datasheet HTML 5Page - Micrel Semiconductor MIC29310 Datasheet HTML 6Page - Micrel Semiconductor MIC29310 Datasheet HTML 7Page - Micrel Semiconductor MIC29310 Datasheet HTML 8Page - Micrel Semiconductor MIC29310 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 1999
3
MIC29310/29312
MIC29310/29312
Micrel
Electrical Characteristics
T
J = 25°C, bold values indicate 0°C ≤ TJ ≤ +125°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Output Voltage
10mA
≤ I
O ≤ IFL, (VOUT + 1V) ≤ VIN ≤ 8V, Note 4
–2
2
%
Line Regulation
I
O = 10mA, (VOUT + 1V) ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
V
IN = VOUT + 1V, 10mA ≤ IOUT ≤ IFULL LOAD, Notes 4, 8
0.2
1
%
∆V
O / ∆T
Output Voltage Temperature Coefficient, Note 8
20
100
ppm/
°C
Dropout Voltage
∆V
OUT = –1%, Note 5
I
O = 100mA
80
200
mV
I
O = 750mA
220
mV
I
O = 1.5A
330
mV
I
O = 3A
600
1000
mV
Ground Current
I
O = 750mA, VIN = VOUT + 1V
5
20
mA
I
O = 1.5A
15
mA
I
O = 3A
60
150
mA
I
GNDDO Ground Pin
V
IN = 0.5V less than specified VOUT. IOUT = 10mA
2
3
mA
Current at Dropout
Current Limit
V
OUT = 0V, Note 6
3.0
3.8
A
Minimum Load Current
710
mA
e
n, Output Noise Voltage
C
L = 10µF400
µV
RMS
(10Hz to 100kHz) I
L = 100mA
C
L = 33µF260
µV
RMS
Reference (MIC29312 only)
Reference Voltage
10mA
≤ I
O ≤ IFL, VOUT + 1V ≤ VIN ≤ 8V, Note 4
1.215
1.265
V
MAX
Adjust Pin Bias Current
40
80
nA
120
nA
Reference Voltage
Note 9
20
ppm/
°C
Temperature Coefficient
Adjust Pin Bias Current
0.1
nA/
°C
Temperature Coefficient
Enable Input (MIC29312 only)
Input Logic Voltage
low (off)
0.8
V
high (on)
2.4
V
Enable Pin Input Current
V
EN = VIN
15
30
µA
75
µA
V
EN = 0.8V
–
2
µA
4
µA
Regulator Output
Note 10
10
µA
Current in Shutdown
20
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4:
Full Load current is defined as 3A for the MIC29310/29312. For testing, V
OUT is programmed to 5V.
Note 5:
Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with V
OUT + 1V applied
to V
IN.
Note 6:
For this test, V
IN is the larger of 8V or VOUT + 3V.
Note 7:
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus the ground
pin current.
Note 8:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 9:
V
REF ≤ VOUT ≤ (VIN – 1V), 2.4V ≤ VIN ≤ 16V, 10mA < IL ≤ IFL, TJ ≤ TJ(max).
Note 10: V
EN ≤ 0.8V and VIN ≤ 8V, VOUT = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com