Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29310 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC29310
Description  3A Fast-Response LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC29310 Datasheet HTML 4Page - Micrel Semiconductor MIC29310 Datasheet HTML 5Page - Micrel Semiconductor MIC29310 Datasheet HTML 6Page - Micrel Semiconductor MIC29310 Datasheet HTML 7Page - Micrel Semiconductor MIC29310 Datasheet HTML 8Page - Micrel Semiconductor MIC29310 Datasheet HTML 9Page - Micrel Semiconductor MIC29310 Datasheet HTML 10Page - Micrel Semiconductor MIC29310 Datasheet HTML 11Page - Micrel Semiconductor MIC29310 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC29310/29312
Micrel
MIC29310/29312
10
July 1999
0.360
±0.005
0.600
±0.025
0.405
±0.005
0.100 BSC
0.050
0.050
±0.005
0.176
±0.005
8
° MAX
0.100
±0.01
0.050
±0.005
0.015
±0.002
0.004+0.004
–0.008
SEATING PLANE
0.065
±0.010
20
°±2°
DIM. = INCH
TO-263-3 (U)
0.067
±0.005
0.032
±0.003
0.360
±0.005
0.600
±0.025
0.405
±0.005
0.060
±0.005
0.176
±0.005
8
° MAX
0.100
±0.01
0.050
±0.005
0.015
±0.002
0.004+0.004
–0.008
SEATING PLANE
0.065
±0.010
20
°±2°
DIM. = INCH
TO-263-5 (U)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com