Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29310 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC29310
Description  3A Fast-Response LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC29310 Datasheet HTML 1Page - Micrel Semiconductor MIC29310 Datasheet HTML 2Page - Micrel Semiconductor MIC29310 Datasheet HTML 3Page - Micrel Semiconductor MIC29310 Datasheet HTML 4Page - Micrel Semiconductor MIC29310 Datasheet HTML 5Page - Micrel Semiconductor MIC29310 Datasheet HTML 6Page - Micrel Semiconductor MIC29310 Datasheet HTML 7Page - Micrel Semiconductor MIC29310 Datasheet HTML 8Page - Micrel Semiconductor MIC29310 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC29310/29312
Micrel
MIC29310/29312
2
July 1999
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC29310
MIC29312
1
EN
Enable (Input): Active-high, logic-level enable/shutdown control.
1
2
IN
Unregulated Input: +16V maximum supply.
2, TAB
3, TAB
GND
Ground: Ground pin and TAB are internally connected.
3
4
OUT
Regulator Output
5
ADJ
Ouput Voltage Adjust: 1.24V feedback from external resistive divider.
Pin Configuration
3
OUT
2
GND
1IN
MIC29310-x.xBT
TO-220 (T)
5
ADJ
4
OUT
3
GND
2IN
1EN
MIC29312-x.xBT
TO-220-5 (T)
3
OUT
2
GND
1IN
MIC29310-x.xBU
TO-263 (U)
5
ADJ
4
OUT
3
GND
2IN
1EN
MIC29312-x.xBU
TO-263-5 (U)
Absolute Maximum Ratings (Note 1)
Input Voltage (V
IN) ........................................ –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Storage Temperature Range (T
S) ............ –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ....................................... +2.3V to +16V
Junction Temperature (T
J) ........................... 0°C to +125°C
Package Thermal Resistance
TO-263
(θ
JC) ......................................................... 2°C/W
TO-220 (
θ
JC) ......................................................... 2°C/W
TO-220 (
θ
JA) ....................................................... 55°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com