Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29310 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC29310
Description  3A Fast-Response LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC29310 Datasheet HTML 1Page - Micrel Semiconductor MIC29310 Datasheet HTML 2Page - Micrel Semiconductor MIC29310 Datasheet HTML 3Page - Micrel Semiconductor MIC29310 Datasheet HTML 4Page - Micrel Semiconductor MIC29310 Datasheet HTML 5Page - Micrel Semiconductor MIC29310 Datasheet HTML 6Page - Micrel Semiconductor MIC29310 Datasheet HTML 7Page - Micrel Semiconductor MIC29310 Datasheet HTML 8Page - Micrel Semiconductor MIC29310 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
July 1999
5
MIC29310/29312
MIC29310/29312
Micrel
0.00
0.10
0.20
0.30
0.40
0.50
0.60
01
23
OUTPUT CURRENT (A)
MIC2931x Dropout Voltage
vs. Output Current
0
0.2
0.4
0.6
0.8
1
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2931x Dropout Voltage
vs. Temperature
I
LOAD = 3A
0.0
1.0
2.0
3.0
4.0
5.0
02
46
INPUT VOLTAGE (V)
MIC29310-3.3
Dropout Characteristics
I
LOAD = 3A
I
LOAD = 10mA
Typical Characteristics
0mA
200mA
3A
3.525V
+20mV
–20mV
MIC29312 Load Transient Response
(See Test Circuit Schematic)
1ms/division
6.525V
4.525V
3.525V
+20mV
–20mV
MIC29312 Line Transient Response
with 3A Load, 10
µF Output Capacitance
200
µs/division
I
OUT = 3A
C
OUT =10µF
6.525V
4.525V
3.525V
+20mV
–20mV
MIC29312 Line Transient Response
with 3A Load, 100
µF Output Capacitance
200
µs/division
I
OUT = 3A
C
OUT = 100µF
VIN = VOUT + 1V
MIC29312
EN
IN
OUT
ADJ
GND
0.1µF
93.1k
1%
49.9k
1%
VOUT
3.525V nominal
4
× 330µF
AVX
TPSE337M006R0100
tantalum
VOUT load (not shown): Intel® Power Validator
MIC29312 Load Transient Response Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com