Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29311 Datasheet (PDF) - Micrel Semiconductor

MIC29311 Datasheet PDF - Micrel Semiconductor
Part # MIC29311
Download  MIC29311 Download
File Size   135.4 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A Fast-Response LDO Regulator for USB Preliminary Information

MIC29311 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC29311 Datasheet PDF - Micrel Semiconductor

Part # MIC29311
Download  MIC29311 Click to download

File Size   135.4 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A Fast-Response LDO Regulator for USB Preliminary Information

MIC29311 Datasheet (HTML) - Micrel Semiconductor


MIC29311 Product details

General Description
The MIC29311 is a 3A, fast response, low-dropout (LDO) voltage regulator. Using Micrel’s proprietary Super βeta PNP™ process, the MIC29311 offers exceptional dropout (600mV at 3A) and low ground current (60mA at 3A). Fast transient response allows it to recover quickly from large load changes while maintaining a steady output. The device can be sent into a “zero-current” off mode when the TTL compatible enable is brought low.

Features
• Fast transient response
• 3A output current over full temperature range
• 600mV dropout voltage at full load
• Low ground current
• 3% total accuracy
• “Zero” off-mode current
• Thermal Shutdown
• Current Limiting
• Reversed battery protection
• Fixed 5.1V Output

Applications
• Self-powered USB hubs
• USB power switching
• High-efficiency linear power supplies
• High-efficiency switching supply post-regulator




Similar Part No. - MIC29311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29311-5.1BT MICREL-MIC29311-5.1BT Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29311-5.1WT MICREL-MIC29311-5.1WT Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
More results


Similar Description - MIC29311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
5A Fast-Response LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
500mA-Peak Output LDO Regulator Preliminary Information
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com