Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29510 Datasheet (PDF) - Micrel Semiconductor

MIC29510 Datasheet PDF - Micrel Semiconductor
Part # MIC29510
Download  MIC29510 Download
File Size   81.35 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A Fast-Response LDO Regulator Preliminary Information

MIC29510 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC29510 Datasheet PDF - Micrel Semiconductor

Part # MIC29510
Download  MIC29510 Click to download

File Size   81.35 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A Fast-Response LDO Regulator Preliminary Information

MIC29510 Datasheet (HTML) - Micrel Semiconductor


MIC29510 Product details

General Description

The MIC29510 and MIC29512 are high-current, high accuracy, low-dropout voltage regulators featuring fast transient recovery from input voltage surges and output load current changes. These regulators use a PNP pass element that features Micrel’s proprietary Super ßeta PNP™ process.



Features

• Fast transient response

• 5A current capability

• 700mV dropout voltage at full load

• Low ground current

• Accurate 1% guaranteed tolerance

• “Zero” current shutdown mode (MIC29512)

• Fixed voltage and adjustable versions



Applications

• Pentium™, Pentium Plus™ and Power PC™ processor supplies

• High-efficiency “green” computer systems

• High-efficiency linear power supplies

• High-efficiency switching supply post regulator

• Battery-powered equipment



 




Similar Part No. - MIC29510

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510-3.3BT MICREL-MIC29510-3.3BT Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29510-3.3WT MICREL-MIC29510-3.3WT Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29510-5.0BT MICREL-MIC29510-5.0BT Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29510-5.0WT MICREL-MIC29510-5.0WT Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
More results


Similar Description - MIC29510

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
7.5A Fast-Response LDO Regulator
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
500mA-Peak Output LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com