Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5216 Datasheet (PDF) - Micrel Semiconductor

MIC5216 Datasheet PDF - Micrel Semiconductor
Part # MIC5216
Download  MIC5216 Download
File Size   66.07 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA-Peak Output LDO Regulator Preliminary Information

MIC5216 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5216 Datasheet PDF - Micrel Semiconductor

Part # MIC5216
Download  MIC5216 Click to download

File Size   66.07 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA-Peak Output LDO Regulator Preliminary Information

MIC5216 Datasheet (HTML) - Micrel Semiconductor


MIC5216 Product details

General Description
The MIC5216 is an efficient linear voltage regulator with high peak output current capability, very low dropout voltage, and better than 1% output voltage accuracy. Dropout is typically 10mV at light loads and less than 500mV at full load.

Features
• Error Flag indicates undervoltage fault
• Guaranteed 500mA-peak output over the full operating temperature range
• Low 500mV maximum dropout voltage at full load
• Extremely tight load and line regulation
• Tiny SOT-23-5 and MM8™ power MSOP-8 package
• Low-noise output
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• CMOS/TTL-compatible enable/shutdown control
• Near-zero shutdown current

Applications
• Laptop, notebook, and palmtop computers
• Cellular telephones and battery-powered equipment
• Consumer and personal electronics
• PC Card VCC and VPP regulation and switching
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies




Similar Part No. - MIC5216

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5216-2.5BM5 MICREL-MIC5216-2.5BM5 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-2.5BMM MICREL-MIC5216-2.5BMM Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-2.5YM5 MICREL-MIC5216-2.5YM5 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-2.5YMM MICREL-MIC5216-2.5YMM Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-3.3BM5 MICREL-MIC5216-3.3BM5 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
More results


Similar Description - MIC5216

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
5A Fast-Response LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
500mA-Peak Output LDO Regulator
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com