Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5216 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5216
Description  500mA-Peak Output LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5216 Datasheet HTML 1Page - Micrel Semiconductor MIC5216 Datasheet HTML 2Page - Micrel Semiconductor MIC5216 Datasheet HTML 3Page - Micrel Semiconductor MIC5216 Datasheet HTML 4Page - Micrel Semiconductor MIC5216 Datasheet HTML 5Page - Micrel Semiconductor MIC5216 Datasheet HTML 6Page - Micrel Semiconductor MIC5216 Datasheet HTML 7Page - Micrel Semiconductor MIC5216 Datasheet HTML 8Page - Micrel Semiconductor MIC5216 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5216
Micrel
MIC5216
2
January 2000
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN
IN
OUT
FLG
MIC5216-x.xBMM
MM8™ MSOP-8
Fixed Voltages
Pin Description
Pin No.
Pin No.
Pin Name
Pin Function
MSOP-8
SOT-23-5
2
1
IN
Supply Input
5–8
2
GND
Ground: MSOP-8 pins 5 through 8 are internally connected.
3
5
OUT
Regulator Output
1
3
EN
Enable (Input): CMOS compatible control input. Logic high = enable; logic
low or open = shutdown.
4
4
FLG
Error Flag (Output): Open-Collector output. Active low indicates an output
undervoltage condition.
IN
OUT
FLG
EN
LHxx
1
3
45
2
GND
MIC5216-x.xBM5
SOT-23-5
Fixed Voltages
Pin Configuration
Absolute Maximum Ratings
Supply Input Voltage (V
IN) ............................ –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Junction Temperature (T
J) ....................... –40°C to +125°C
Lead Temperature (Soldering, 5 sec.) ...................... 260
°C
Operating Ratings
Supply Input Voltage (V
IN) ........................... +2.5V to +12V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance ........................... see Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com