Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5219 Datasheet (PDF) - Micrel Semiconductor

MIC5219 Datasheet PDF - Micrel Semiconductor
Part # MIC5219
Download  MIC5219 Download
File Size   118.34 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA-Peak Output LDO Regulator

MIC5219 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5219 Datasheet PDF - Micrel Semiconductor

Part # MIC5219
Download  MIC5219 Click to download

File Size   118.34 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA-Peak Output LDO Regulator

MIC5219 Datasheet (HTML) - Micrel Semiconductor


MIC5219 Product details

General Description

The MIC5219 is an efficient linear voltage regulator with high peak output current capability, very-low-dropout voltage, and better than 1% output voltage accuracy. Dropout is typically 10mV at light loads and less than 500mV at full load.



Features

• 500mA output current capability

  SOT-23-5 package - 500mA peak

  2mm×2mm MLF® package - 500mA continuous

  2mm×2mm Thin MLF® package - 500mA

  continuous

  MSOP-8 package - 500mA continuous

• Low 500mV maximum dropout voltage at full load

• Extremely tight load and line regulation

• Tiny SOT-23-5 and MM8™ power MSOP-8 package

• Ultra-low-noise output

• Low temperature coefficient

• Current and thermal limiting

• Reversed-battery protection

• CMOS/TTL-compatible enable/shutdown control

• Near-zero shutdown current



Applications

• Laptop, notebook, and palmtop computers

• Cellular telephones and battery-powered equipment

• Consumer and personal electronics

• PC Card VCC and VPP regulation and switching

• SMPS post-regulator/DC-to-DC modules

• High-efficiency linear power supplies



 




Similar Part No. - MIC5219

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
97Kb / 13P
500mA-Peak Output LDO Regulator
MIC5219-2.5BM5 MICREL-MIC5219-2.5BM5 Datasheet
97Kb / 13P
500mA-Peak Output LDO Regulator
MIC5219-2.5BM5 MICREL-MIC5219-2.5BM5 Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
MIC5219-2.5BMM MICREL-MIC5219-2.5BMM Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
MIC5219-2.5YM5 MICREL-MIC5219-2.5YM5 Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
More results


Similar Description - MIC5219

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
500mA-Peak Output LDO Regulator Preliminary Information
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
500mA-Peak Output LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
500mA LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com