Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9016 Datasheet (PDF) - Richtek Technology Corporation

RT9016 Datasheet PDF - Richtek Technology Corporation
Part # RT9016
Download  RT9016 Download
File Size   299.6 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA Peak, Thermal Folded Back CMOS LDO Regulator

RT9016 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9016 Datasheet PDF - Richtek Technology Corporation

Part # RT9016
Download  RT9016 Click to download

File Size   299.6 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA Peak, Thermal Folded Back CMOS LDO Regulator

RT9016 Datasheet (HTML) - Richtek Technology Corporation


RT9016 Product details

General Description

The RT9016 is designed for portable RF and wireless applications with demanding performance and space requirements. The RT9016 performance is optimized for battery-powered systems to deliver ultra low noise and low quiescent current. A noise bypass pin is available for further reduction of output noise. Regulator ground current increases only slightly in dropout, further prolonging the battery life.



Features

• Short Circuit Thermal Folded Back Protection

• Ultra-Low-Noise for RF Application

• Ultra-Fast Response in Line/Load Transient

• Quick Start-Up (Typically 50μs)

• 0.01μA Standby Current When Shutdown

• Low Dropout : 380mV @ 500mA

• Wide Operating Voltage Ranges : 2.5V to 5.5V

• TTL-Logic-Controlled Shutdown Input

• Low Temperature Coefficient

• Current Limiting Protection

• Thermal Shutdown Protection

• Only 1μF Output Capacitor Required for Stability

• High Power Supply Rejection Ratio

• Custom Voltage Available

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• CDMA/GSM Cellular Handsets

• Battery-Powered Equipment

• Laptop, Palmtops, Notebook Computers

• Hand-Held Instruments

• PCMCIA Cards

• Portable Information Appliances



 




Similar Part No. - RT9016

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-12GJ6 RICHTEK-RT9010-12GJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-12PJ6 RICHTEK-RT9010-12PJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-13GJ6 RICHTEK-RT9010-13GJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-13PJ6 RICHTEK-RT9010-13PJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
More results


Similar Description - RT9016

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
500mA-Peak Output LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
500mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
500mA-Peak Output LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
logo
Richtek Technology Corp...
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
300mA, Thermal Folded Back CMOS LDO Regulator
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
300mA, Thermal Folded Back CMOS LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com