Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9010 Datasheet (PDF) - Richtek Technology Corporation

RT9010 Datasheet PDF - Richtek Technology Corporation
Part # RT9010
Download  RT9010 Download
File Size   245.77 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA LDO Regulator with POR

RT9010 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9010 Datasheet PDF - Richtek Technology Corporation

Part # RT9010
Download  RT9010 Click to download

File Size   245.77 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA LDO Regulator with POR

RT9010 Datasheet (HTML) - Richtek Technology Corporation


RT9010 Product details

General Description
RT9010 is a low noise, and low dropout with the sourcing ability up to 300mA and power-on reset function. The range of output voltage is from 1.2V to 3.6V by operating from 2.5V to 5.5V input.
RT9010 offers 2% accuracy, extremely low dropout voltage (240mV @ 300mA), and extremely low ground current. The shutdown current is near zero current which is suitable for battery-power devices. Other features include current limiting, over temperature, output short circuit protection.

Features
• Wide Operating Voltage Ranges : 2.5V to 5.5V
• Low-Noise for RF Application
• No Noise Bypass Capacitor Required
• Fast Response in Line/Load Transient
• TTL-Logic-Controlled Shutdown Input
• Low Temperature Coefficient
• 300mA LDO Outputs
• High Accuracy ±2%
• Short Circuit Protection
• Thermal Shutdown Protection
• Current Limit Protection
• Short Circuit Thermal Folded Back Protection
• Tiny TSOT-23-6 Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CDMA/GSM Cellular Handsets
• Battery-Powered Equipment
• Laptop, Palmtops, Notebook Computers
• Hand-Held Instruments
• PCMCIA Cards
• Portable Information Appliances




Similar Part No. - RT9010

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BJGJ6 RICHTEK-RT9011-BJGJ6 Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BJGJ6 RICHTEK-RT9011-BJGJ6 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BMGJ6 RICHTEK-RT9011-BMGJ6 Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BMGQW RICHTEK-RT9011-BMGQW Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
More results


Similar Description - RT9010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
LowQ Mode Dual 300mA LDO with Integrated POR
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
Dual 150/300mA LDO with POR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
300mA Dual LDO Regulator with POR
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com