Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5312 Datasheet (PDF) - Micrel Semiconductor

MIC5312 Datasheet PDF - Micrel Semiconductor
Part # MIC5312
Download  MIC5312 Download
File Size   400.65 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LowQ Mode Dual 300mA LDO with Integrated POR

MIC5312 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5312 Datasheet PDF - Micrel Semiconductor

Part # MIC5312
Download  MIC5312 Click to download

File Size   400.65 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LowQ Mode Dual 300mA LDO with Integrated POR

MIC5312 Datasheet (HTML) - Micrel Semiconductor


MIC5312 Product details

General Description
The MIC5312 is a high performance, dual µCap low dropout regulator with integrated power-on reset supervisor, offering ultra-low operating current and a second, even lower operating current mode, LowQ™ mode, reducing operating current by 75%. Each regulator can source up to 300mA of output current maximum.

Features
• Input voltage range: 2.5V to 5.5V
• LowQ™ Mode
    - 7µA total quiescent current
    - 10mA output current capable LowQ™ mode
    - Logic level control with external pin
• Stable with ceramic output capacitor
• 2 LDO Outputs – 300mA each
• Integrated Power-on Reset (POR) with adjustable delay time
• Tiny 3mm x 3mm MLF™-10 package
• Low dropout voltage of 60mV @ 150mA
• Ultra-low quiescent current of 28µA total in Full Current Mode
• High output accuracy
    - ±1.0% initial accuracy
    - ±2.0% over temperature
• Thermal Shutdown Protection
• Current Limit Protection

Applications
• Cellular/PCS phones
• Wireless modems
• PDAs
• MP3 Players




Similar Part No. - MIC5312

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results


Similar Description - MIC5312

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311 MICREL-MIC5311 Datasheet
344Kb / 11P
LowQ Mode Dual 300mA LDO
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
Dual 150/300mA LDO with POR
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
300mA Dual LDO Regulator with POR
RT9014 RICHTEK-RT9014 Datasheet
391Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
logo
Micrel Semiconductor
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
Micro-Power High Performance Dual 300mA ULDO??with Dual POR
MIC5311 MICREL-MIC5311_06 Datasheet
347Kb / 11P
LowQ??Mode Dual 300mA LDO
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
DUAL 300mA LDO REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com