Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9012 Datasheet (PDF) - Richtek Technology Corporation

RT9012 Datasheet PDF - Richtek Technology Corporation
Part # RT9012
Download  RT9012 Download
File Size   314.14 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA Dual LDO Regulator with POR

RT9012 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9012 Datasheet PDF - Richtek Technology Corporation

Part # RT9012
Download  RT9012 Click to download

File Size   314.14 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA Dual LDO Regulator with POR

RT9012 Datasheet (HTML) - Richtek Technology Corporation


RT9012 Product details

General Description
RT9012 is a dual channel, low noise, and low dropout with the sourcing ability up to 300mA and power-on reset function. The range of output voltage is from 1.2V to 3.6V by operating from 2.5V to 5.5V input.

Features
• Wide Operating Voltage Ranges : 2.5V to 5.5V
• Low-Noise for RF Application
• No Noise Bypass Capacitor Required
• Fast Response in Line/Load Transient
• TTL-Logic-Controlled Shutdown Input
• Low Temperature Coefficient
• Dual LDO Outputs (300mA/300mA)
• Ultra-low Quiescent Current 27μA/LDO
• High Output Accuracy 2%
• Short Circuit Protection
• Thermal Shutdown Protection
• Current Limit Protection
• Short Circuit Thermal Folded Back Protection
• Tiny 8-Lead WDFN Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CDMA/GSM Cellular Handsets
• Battery-Powered Equipment
• Laptop, Palmtops, Notebook Computers
• Hand-Held Instruments
• PCMCIA Cards
• Portable Information Appliances




Similar Part No. - RT9012

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012-FMPQV RICHTEK-RT9012-FMPQV Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9012-FMPQW RICHTEK-RT9012-FMPQW Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9012-GMPQV RICHTEK-RT9012-GMPQV Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9012-GPPQW RICHTEK-RT9012-GPPQW Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9012-GSPQV RICHTEK-RT9012-GSPQV Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
More results


Similar Description - RT9012

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
LowQ Mode Dual 300mA LDO with Integrated POR
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
Dual 150/300mA LDO with POR
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9014 RICHTEK-RT9014 Datasheet
391Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com