Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9055 Datasheet (PDF) - Richtek Technology Corporation

RT9055 Datasheet PDF - Richtek Technology Corporation
Part # RT9055
Download  RT9055 Download
File Size   208.17 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA Dual LDO Regulator

RT9055 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9055 Datasheet PDF - Richtek Technology Corporation

Part # RT9055
Download  RT9055 Click to download

File Size   208.17 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA Dual LDO Regulator

RT9055 Datasheet (HTML) - Richtek Technology Corporation


RT9055 Product details

General Description
The RT9055 is a dual channel, low noise, and low dropout regulator sourcing up to 300mA at each channel. The output voltage range is from 0.9V to 3.5V with an input voltage range from 1.5V to 5.5V.

Features
• Wide Operating Voltage Range : 1.5V to 5.5V
• Low Noise for RF Application
• No Noise Bypass Capacitor Required
• Fast Response in Line/Load Transient
• TTL Logic Controlled Shutdown Input
• Low Temperature Coefficient
• Dual LDO Outputs (300mA/300mA)
• Ultra-Low Quiescent Current : 29μA/LDO
• High Output Accuracy 2%
• Short Current Protection
• Thermal Shutdown Protection
• Current Limit Protection
• Short Circuit Thermal Folded Back Protection
• RoHS Compliant and Halogen Free

Applications
• Cellular Handsets
• Battery Powered Equipment
• Hand-Held Instruments
• Portable Information Appliances




Similar Part No. - RT9055

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9055-NGWSC RICHTEK-RT9055-NGWSC Datasheet
533Kb / 6P
The RT9055 is a dual channel
More results


Similar Description - RT9055

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
300mA Dual LDO Regulator with POR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
High PSRR 300mA Dual LDO Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
300mA SMALL DUAL LDO REGULATOR
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com