Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9014 Datasheet (PDF) - Richtek Technology Corporation

RT9014 Datasheet PDF - Richtek Technology Corporation
Part # RT9014
Download  RT9014 Download
File Size   391.03 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor

RT9014 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9014 Datasheet PDF - Richtek Technology Corporation

Part # RT9014
Download  RT9014 Click to download

File Size   391.03 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor

RT9014 Datasheet (HTML) - Richtek Technology Corporation


RT9014 Product details

General Description

RT9014/A is a dual channel, low noise, and low dropout with the sourcing ability up to 300mA, an open drain driver and power-on reset function. The open-drain output is capable of sinking 150mA for LED backlighting applications.



Features

• Wide Operating Voltage Ranges : 2.5V to 5.5V

• Low-Noise for RF Application

• No Noise Bypass Capacitor Required

• Fast Response in Line/Load Transient

• TTL-Logic-Controlled Shutdown Input

• Low Temperature Coefficient

• Dual LDO Outputs (300mA/300mA)

• 1 Open-Drain Driver

• Ultra-low Quiescent Current 27μA/LDO

• High Output Accuracy 2%

• Short Circuit Protection

• Thermal Shutdown Protection

• Current Limit Protection

• Short Circuit Thermal Folded Back Protection

• Tiny 10-Lead WDFN Package

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• CDMA/GSM Cellular Handsets

• Battery-Powered Equipment

• Laptop, Palmtops, Notebook Computers

• Hand-Held Instruments

• PCMCIA Cards

• Portable Information Appliances



 




Similar Part No. - RT9014

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9014-FMPQV RICHTEK-RT9014-FMPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-GMPQV RICHTEK-RT9014-GMPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-GSPQV RICHTEK-RT9014-GSPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-JSPQV RICHTEK-RT9014-JSPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-MGPQV RICHTEK-RT9014-MGPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
More results


Similar Description - RT9014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
Dual 150/300mA LDO with POR
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
300mA Dual LDO Regulator with POR
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
300mA Low-Noise LDO Without Bypass Capacitor
EUP7230 EUTECH-EUP7230 Datasheet
72Kb / 1P
Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
logo
Richtek Technology Corp...
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
Dual,300mA Ultra-low Noise CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com