Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9013B Datasheet (PDF) - Richtek Technology Corporation

RT9013B Datasheet PDF - Richtek Technology Corporation
Part # RT9013B
Download  RT9013B Download
File Size   193.45 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator

RT9013B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9013B Datasheet PDF - Richtek Technology Corporation

Part # RT9013B
Download  RT9013B Click to download

File Size   193.45 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator

RT9013B Datasheet (HTML) - Richtek Technology Corporation


RT9013B Product details

General Description
The RT9013B is a high-performance, 300mA LDO regulator, offering extremely high PSRR and ultra-low dropout. The RT9013B is Ideal for portable RF and wireless applications with demanding performance and space requirements.

Features
• Wide Operating Voltage Range : 2.2V to 5.5V
• Low Dropout : 150mV at 300mA
• Ultra-Low-Noise for RF Application
• Ultra-Fast in Line/Load Transient Response
• Current Limiting Protection
• Thermal Shutdown Protection
• High Power Supply Rejection Ratio
• Only 1uF Output Capacitor Required for Stability
• TTL-Logic-Controlled Shutdown Input
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CDMA/GSM Cellular Handsets
• Portable Information Appliances
• Laptop, Palmtops, Notebook Computers
• Hand-Held Instruments
• Mini PCI & PCI-Express Cards
• PCMCIA & New Cards




Similar Part No. - RT9013B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
RT9013 TECHPUBLIC-RT9013 Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
logo
Richtek Technology Corp...
RT9013-12GB RICHTEK-RT9013-12GB Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
RT9013-12GB TECHPUBLIC-RT9013-12GB Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
logo
Richtek Technology Corp...
RT9013-12GQW RICHTEK-RT9013-12GQW Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results


Similar Description - RT9013B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
300mA Low-Noise LDO Without Bypass Capacitor
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com