Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9013 Datasheet (PDF) - Richtek Technology Corporation

RT9013 Datasheet PDF - Richtek Technology Corporation
Part # RT9013
Download  RT9013 Download
File Size   300.61 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator

RT9013 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9013 Datasheet PDF - Richtek Technology Corporation

Part # RT9013
Download  RT9013 Click to download

File Size   300.61 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator

RT9013 Datasheet (HTML) - Richtek Technology Corporation


RT9013 Product details

General Description

The RT9013 is a high-performance, 500mA LDO regulator, offering extremely high PSRR and ultra-low dropout. Ideal for portable RF and wireless applications with demanding performance and space requirements.



Features

Wide Operating Voltage Ranges : 2.2V to 5.5V

Low Dropout : 250mV at 500mA

Ultra-Low-Noise for RF Application

Ultra-Fast Response in Line/Load Transient

Current Limiting Protection

Thermal Shutdown Protection

High Power Supply Rejection Ratio

Output Only 1μF Capacitor Required for Stability

TTL-Logic-Controlled Shutdown Input

RoHS Compliant and 100% Lead (Pb)-Free




Similar Part No. - RT9013

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RT9013 TECHPUBLIC-RT9013 Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
RT9013-12GB TECHPUBLIC-RT9013-12GB Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
logo
Richtek Technology Corp...
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
189Kb / 10P
120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18PB RICHTEK-RT9013-18PB Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results


Similar Description - RT9013

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com