Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9013A Datasheet (PDF) - Richtek Technology Corporation

RT9013A Datasheet PDF - Richtek Technology Corporation
Part # RT9013A
Download  RT9013A Download
File Size   189.49 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator

RT9013A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9013A Datasheet PDF - Richtek Technology Corporation

Part # RT9013A
Download  RT9013A Click to download

File Size   189.49 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator

RT9013A Datasheet (HTML) - Richtek Technology Corporation


RT9013A Product details

General Description

The RT9013A is a high-performance, 120mA LDO regulator, offering extremely high PSRR and ultra-low dropout. The chip is ideal for portable RF and wireless applications with demanding performance and space requirements.



Features

Wide Operating Voltage Ranges : 2.2V to 5.5V

Low Dropout : 60mV at 120mA

Ultra-Low-Noise for RF Application

Ultra-Fast Response in Line/Load Transient

Current Limiting Protection

Thermal Shutdown Protection

High Power Supply Rejection Ratio

Output Only 1uF Capacitor Required for Stability

TTL-Logic-Controlled Shutdown Input

RoHS Compliant and 100% Lead (Pb)-Free



Applications

CDMA/GSM Cellular Handsets

Portable Information Appliances

Laptop, Palmtops, Notebook Computers

Hand-Held Instruments

Mini PCI & PCI-Express Cards

PCMCIA & New Cards




Similar Part No. - RT9013A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
RT9013 TECHPUBLIC-RT9013 Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
logo
Richtek Technology Corp...
RT9013-12GB RICHTEK-RT9013-12GB Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
RT9013-12GB TECHPUBLIC-RT9013-12GB Datasheet
1Mb / 5P
500mA Higt-PSRR Voltage Regulator
logo
Richtek Technology Corp...
RT9013-12GQW RICHTEK-RT9013-12GQW Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results


Similar Description - RT9013A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com