Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9014 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9014
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9014 Datasheet HTML 1Page - Richtek Technology Corporation RT9014 Datasheet HTML 2Page - Richtek Technology Corporation RT9014 Datasheet HTML 3Page - Richtek Technology Corporation RT9014 Datasheet HTML 4Page - Richtek Technology Corporation RT9014 Datasheet HTML 5Page - Richtek Technology Corporation RT9014 Datasheet HTML 6Page - Richtek Technology Corporation RT9014 Datasheet HTML 7Page - Richtek Technology Corporation RT9014 Datasheet HTML 8Page - Richtek Technology Corporation RT9014 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9014/A
Preliminary
2
DS9014/A-08 August 2007
www.richtek.com
Functional Pin Description
Pin No.
RT9014-□□PQW
RT9014A-□□
Pin
Name
Pin Function
1
1
VIN
Supply Input.
2
--
EN
Chip Enable (Active High).
--
2
EN1
Chip Enable 1 (Active High).
--
3
EN2
Chip Enable 2 (Active High).
3
--
NC
No Internal Connection Pin.
4
4
SW
Active high signal drives open-drain N-MOSFET.
Note that this pin is high impedance. There should be a pull low
100k
Ω resistor connected to GND when the control signal is
floating.
5
5
SET
Delay Set Input: Connect external capacitor to GND to set the
internal delay for the POR output. When left open, there is no
delay. This pin cannot be grounded.
6
6
GND
Common Ground.
7
7
DRV
Open-Drain Output: Capable of sinking 150mA.
8
8
POR
Power-On Reset Output: Open-drain output. Active low indicates
an output under-voltage condition on regulator 2.
9
9
VOUT2 Channel 2 Output Voltage
10
10
VOUT1 Channel 1 Output Voltage
Exposed Pad (11) Exposed Pad (11) GND
The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Typical Application Circuit
EN
SW
VOUT2
VOUT1
RT9014
GND
VIN
1uF
V
OUT1
1uF
V
OUT2
1uF
V
IN
POR
DRV
SET
Chip Enable
DRV Enable
C
DELAY
100K
100k
C
IN
C
OUT1
C
OUT2
EN1
SW
VOUT2
VOUT1
RT9014A
GND
VIN
1uF
V
OUT1
1uF
V
OUT2
1uF
V
IN
POR
DRV
SET
Chip Enable
DRV Enable
C
DELAY
100K
100k
C
IN
C
OUT1
C
OUT2
EN2
Marking Information
For marking information, contact our sales representative directly or through a Richtek distributor located in your area,
otherwise visit our website for detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com