Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9014 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9014
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9014 Datasheet HTML 1Page - Richtek Technology Corporation RT9014 Datasheet HTML 2Page - Richtek Technology Corporation RT9014 Datasheet HTML 3Page - Richtek Technology Corporation RT9014 Datasheet HTML 4Page - Richtek Technology Corporation RT9014 Datasheet HTML 5Page - Richtek Technology Corporation RT9014 Datasheet HTML 6Page - Richtek Technology Corporation RT9014 Datasheet HTML 7Page - Richtek Technology Corporation RT9014 Datasheet HTML 8Page - Richtek Technology Corporation RT9014 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9014/A
Preliminary
1
DS9014/A-08 August 2007
www.richtek.com
Ordering Information
General Description
RT9014/A is a dual channel, low noise, and low dropout
with the sourcing ability up to 300mA, an open drain driver
and power-on reset function. The open-drain output is
capable of sinking 150mA for LED backlighting
applications.
The range of output voltage is from 1.2V to 3.6V by
operating from 2.5V to 5.5V input.
RT9014/A offers 2% accuracy, extremely low dropout
voltage (240mV @ 300mA), and extremely low ground
current, only 27
μA per LDO. The shutdown current is near
zero current which is suitable for battery-power devices.
Other features include current limiting, over temperature,
output short circuit protection.
RT9014/A is short circuit thermal folded back protected.
RT9014/A lowers its OTP trip point from 165
°C to 110°C
when output short circuit occurs (VOUT < 0.4V) providing
maximum safety to end users.
RT9014/A can operate stably with very small ceramic
output capacitors, reducing required board space and
component cost. RT9014/A is available in fixed output
voltages in the WDFN-10L 3x3 package.
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V
Low-Noise for RF Application
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
Dual LDO Outputs (300mA/300mA)
1 Open-Drain Driver
Ultra-low Quiescent Current 27
μμμμμA/LDO
High Output Accuracy 2%
Short Circuit Protection
Thermal Shutdown Protection
Current Limit Protection
Short Circuit Thermal Folded Back Protection
Tiny 10-Lead WDFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Pin Configurations
(TOP VIEW)
Ultra Low Noise 300mA Dual LDO Regulator with POR,
NMOS Driver and Requiring No Bypass Capacitor
WDFN-10L 3x3
RT9014
RT9014A
RT9014/A-
Package Type
QW : WDFN-10L 3x3 (W-Type)
Output Voltage : VOUT1/VOUT2
FM : 1.50V/2.80V, FP : 1.50V/3.00V
GK : 1.80V/2.60V, GM : 1.80V/2.80V
GP : 1.80V/3.00V, JG : 2.50V/1.80V
JM : 2.50V/2.80V, JP : 2.50V/3.00V
JN : 2.50V/2.85V, PJ : 3.00V/2.50V
PP : 3.00V/3.00V, CS : 1.2V/3.3V
EN Function Independent
EN Function Dependent
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
9
8
7
1
2
3
4
5
10
GND
VIN
EN
SET
SW
VOUT1
VOUT2
POR
GND
DRV
NC
11
9
8
7
1
2
3
4
5
10
GND
VIN
EN1
SET
SW
VOUT1
VOUT2
POR
GND
DRV
EN2
11


Similar Part No. - RT9014

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9014-FMPQV RICHTEK-RT9014-FMPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-GMPQV RICHTEK-RT9014-GMPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-GSPQV RICHTEK-RT9014-GSPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-JSPQV RICHTEK-RT9014-JSPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-MGPQV RICHTEK-RT9014-MGPQV Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
More results

Similar Description - RT9014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
Dual 150/300mA LDO with POR
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
300mA Dual LDO Regulator with POR
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
300mA Low-Noise LDO Without Bypass Capacitor
EUP7230 EUTECH-EUP7230 Datasheet
72Kb / 1P
Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
logo
Richtek Technology Corp...
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
Dual,300mA Ultra-low Noise CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com