Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9012 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9012
Description  300mA Dual LDO Regulator with POR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9012 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9012 Datasheet HTML 1Page - Richtek Technology Corporation RT9012 Datasheet HTML 2Page - Richtek Technology Corporation RT9012 Datasheet HTML 3Page - Richtek Technology Corporation RT9012 Datasheet HTML 4Page - Richtek Technology Corporation RT9012 Datasheet HTML 5Page - Richtek Technology Corporation RT9012 Datasheet HTML 6Page - Richtek Technology Corporation RT9012 Datasheet HTML 7Page - Richtek Technology Corporation RT9012 Datasheet HTML 8Page - Richtek Technology Corporation RT9012 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9012
Preliminary
3
DS9012-06 August 2007
www.richtek.com
Function Block Diagram
EN1
Current-Limit
and
Thermal
Protection
MOS Driver
+
VOUT1
Shutdown
and
Logic Control
VIN
Error
Amplifier
VREF
GND
EN2
Current-Limit
and
Thermal
Protection
MOS Driver
+
VOUT2
Shutdown
and
Logic Control
Error
Amplifier
VREF
GND
POR& Delay
SET
POR
0.2uA
0.2uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com