Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5311 Datasheet (PDF) - Micrel Semiconductor

MIC5311 Datasheet PDF - Micrel Semiconductor
Part # MIC5311
Download  MIC5311 Download
File Size   344.4 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LowQ Mode Dual 300mA LDO

MIC5311 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5311 Datasheet PDF - Micrel Semiconductor

Part # MIC5311
Download  MIC5311 Click to download

File Size   344.4 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LowQ Mode Dual 300mA LDO

MIC5311 Datasheet (HTML) - Micrel Semiconductor


MIC5311 Product details

General Description 

The MIC5311 is a high performance, dual µCap low dropout regulator offering ultra-low operating current and a second, even lower operating current mode, LowQ™ mode, reducing operating current by 75%. Each regulator can source up to 300mA of output current maximum.



Features

• Input voltage range: 2.5V to 5.5V

• LowQ™ Mode

-  7µA total quiescent current

-  10mA output current capable LowQ™ mode

-  Logic level control with external pin

• Stable with ceramic output capacitor

• 2 LDO Outputs – 300mA each

• Tiny 3mm x 3mm MLF™-10 package

• Low dropout voltage of 60mV @ 150mA

• Ultra-low quiescent current of 28µA total in Full Current Mode

• High output accuracy

-  ±1.0% initial accuracy

-  ±2.0% over temperature

• Thermal Shutdown Protection

• Current Limit Protection



Applications

• Cellular/PCS phones

• Wireless modems

• PDAs

• MP3 Players




Similar Part No. - MIC5311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311 MICREL-MIC5311 Datasheet
347Kb / 11P
LowQ??Mode Dual 300mA LDO
MIC5311-DKYML MICREL-MIC5311-DKYML Datasheet
347Kb / 11P
LowQ??Mode Dual 300mA LDO
MIC5311-GMYML MICREL-MIC5311-GMYML Datasheet
347Kb / 11P
LowQ??Mode Dual 300mA LDO
MIC5311-NLYML MICREL-MIC5311-NLYML Datasheet
347Kb / 11P
LowQ??Mode Dual 300mA LDO
MIC5311 MICREL-MIC5311_06 Datasheet
347Kb / 11P
LowQ??Mode Dual 300mA LDO
More results


Similar Description - MIC5311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
LowQ Mode Dual 300mA LDO with Integrated POR
logo
List of Unclassifed Man...
EUP7211 ETC1-EUP7211 Datasheet
252Kb / 10P
Dual 150/300mA LDO
logo
RICOH electronics devic...
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
3-MODE 300mA LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
DUAL 300mA LDO REGULATORS
logo
Micrel Semiconductor
MIC5311 MICREL-MIC5311_06 Datasheet
347Kb / 11P
LowQ??Mode Dual 300mA LDO
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
DUAL 300mA LDO REGULATORS
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
3-MODE 300mA LDO REGULATOR
April 1, 2012
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
3-MODE 300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com