Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9011 Datasheet (PDF) - Richtek Technology Corporation

RT9011 Datasheet PDF - Richtek Technology Corporation
Part # RT9011
Download  RT9011 Download
File Size   336.72 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Portable Power Management 300mA Dual LDO Regulator

RT9011 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9011 Datasheet PDF - Richtek Technology Corporation

Part # RT9011
Download  RT9011 Click to download

File Size   336.72 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Portable Power Management 300mA Dual LDO Regulator

RT9011 Datasheet (HTML) - Richtek Technology Corporation


RT9011 Product details

General Description
The RT9011 is a dual channel, low noise, and low dropout regulator sourcing up to 300mA at each channel. The range of output voltage is from 1.2V to 3.6V by operating from 2.5V to 5.5V input.

Features
• Wide Operating Voltage Ranges : 2.5V to 5.5V
• Low-Noise for RF Application
• No Noise Bypass Capacitor Required
• Fast Response in Line/Load Transient
• TTL-Logic-Controlled Shutdown Input
• Low Temperature Coefficient
• Dual LDO Outputs (300mA/300mA)
• Ultra-low Quiescent Current 27μA/LDO
• High Output Accuracy 2%
• Short Circuit Protection
• Thermal Shutdown Protection
• Current Limit Protection
• Short Circuit Thermal Folded Back Protection
• Tiny TSOT-23-6 and 8-Lead WDFN Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CDMA/GSM Cellular Handsets
• Battery-Powered Equipment
• Laptop, Palmtops, Notebook Computers
• Hand-Held Instruments
• PCMCIA Cards
• Portable Information Appliances




Similar Part No. - RT9011

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-BJGJ6 RICHTEK-RT9011-BJGJ6 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9011-CBGJ6 RICHTEK-RT9011-CBGJ6 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9011-CCPJ6 RICHTEK-RT9011-CCPJ6 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9011-CCPQV RICHTEK-RT9011-CCPQV Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9011-CCPQWC RICHTEK-RT9011-CCPQWC Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
More results


Similar Description - RT9011

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
High PSRR 300mA Dual LDO Regulator
logo
Richtek Technology Corp...
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
300mA SMALL DUAL LDO REGULATOR
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com