Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9010 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9010
Description  300mA LDO Regulator with POR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9010 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9010 Datasheet HTML 1Page - Richtek Technology Corporation RT9010 Datasheet HTML 2Page - Richtek Technology Corporation RT9010 Datasheet HTML 3Page - Richtek Technology Corporation RT9010 Datasheet HTML 4Page - Richtek Technology Corporation RT9010 Datasheet HTML 5Page - Richtek Technology Corporation RT9010 Datasheet HTML 6Page - Richtek Technology Corporation RT9010 Datasheet HTML 7Page - Richtek Technology Corporation RT9010 Datasheet HTML 8Page - Richtek Technology Corporation RT9010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9010
2
DS9010-03 August 2007
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VOUT
Output Voltage.
2
GND
Common Ground.
3
POR
Power-On Reset Output : Open-drain output. Active low indicates an
output under voltage condition on regulator.
4
SET
Delay Set Input. Connect external capacitor to GND to set the internal
delay.
5
EN
Chip Enable (Active High).
6
VIN
Supply Input Voltage.
Typical Application Circuit
EN
VOUT
RT9010
GND
VIN
1uF
V
OUT
1uF
V
IN
POR
Chip Enable
100K
SET
C
DELAY
42
3
5
6
1
POR
EN
Current Limit
and
Thermal
Protection
MOS Driver
+
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
VREF
GND
POR & Delay
SET
0.2uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com